Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-P47F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR-P47F
Description  white SMT package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-P47F Datasheet(HTML) 4 Page - OSRAM GmbH

  LR-P47F Datasheet HTML 1Page - OSRAM GmbH LR-P47F Datasheet HTML 2Page - OSRAM GmbH LR-P47F Datasheet HTML 3Page - OSRAM GmbH LR-P47F Datasheet HTML 4Page - OSRAM GmbH LR-P47F Datasheet HTML 5Page - OSRAM GmbH LR-P47F Datasheet HTML 6Page - OSRAM GmbH LR-P47F Datasheet HTML 7Page - OSRAM GmbH LR-P47F Datasheet HTML 8Page - OSRAM GmbH LR-P47F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2014-09-25
4
Version 1.4
LR P47F
Characteristics (T
S = 25 °C; IF = 30 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
634
nm
Dominant Wavelength
3) page 21
Dominantwellenlänge 3) Seite 21
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
620
625
630
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
16
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 4) page 21
Durchlassspannung
4) Seite 21
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.80
2.20
2.40
V
V
V
Reverse current
Sperrstrom
(V
R = 5 V)
(typ.)
(max.)
I
R
I
R
0.2
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λ
peak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.14
nm/K
Temperature coefficient of λ
dom
Temperaturkoeffizient von λ
dom
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λdom
0.07
nm/K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
V
-2.50
mV/K
Real thermal resistance junction / ambient
5) page 21 , 6) page 21
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 21 , 6) Seite 21
(max.)
R
th JA real
420
K/W
Real thermal resistance junction / solder point
6) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 21
(max.)
R
th JS real
200
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com