Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-T64F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR-T64F
Description  black PLCC-2 package, colorless resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-T64F Datasheet(HTML) 4 Page - OSRAM GmbH

  LR-T64F Datasheet HTML 1Page - OSRAM GmbH LR-T64F Datasheet HTML 2Page - OSRAM GmbH LR-T64F Datasheet HTML 3Page - OSRAM GmbH LR-T64F Datasheet HTML 4Page - OSRAM GmbH LR-T64F Datasheet HTML 5Page - OSRAM GmbH LR-T64F Datasheet HTML 6Page - OSRAM GmbH LR-T64F Datasheet HTML 7Page - OSRAM GmbH LR-T64F Datasheet HTML 8Page - OSRAM GmbH LR-T64F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2016-11-03
4
Version 2.5 (OS-PCN-2016-025-A)
LR T64F
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
634
nm
Dominant Wavelength
3) page 23
Dominantwellenlänge
3) Seite 23
(min.)
(typ.)
(max.)
λdom
λdom
λdom
619
625
631
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
16
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
30
°
Forward voltage
4) page 23
Durchlassspannung
4) Seite 23
(min.)
(typ.)
(max.)
VF
VF
VF
1.80
1.95
2.40
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
IR
I
R
0.2
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.14
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.07
nm/K
Real thermal resistance junction / solder point
5) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 23
(max.)
R
th JS real
280
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com