Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7446DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7446DP
Description  SPICE Device Model Si7446DP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7446DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7446DP Datasheet HTML 1Page - Vishay Siliconix SI7446DP Datasheet HTML 2Page - Vishay Siliconix SI7446DP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si7446DP
Vishay Siliconix
www.vishay.com
Document Number: 71720
2
24-May-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Typical
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.89
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
759
A
VGS = 10 V, ID = 19 A
0.0061
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 17 A
0.0086
Ω
Forward Transconductance
a
gfs
VDS = 15 V, ID = 19 A
55
S
Diode Forward Voltage
a
VSD
IS = 4.3 A, VGS = 0 V
0.83
V
Dynamic
b
Total Gate Charge
b
Qg
36
Gate-Source Charge
b
Qgs
14
Gate-Drain Charge
b
Qgd
VDS = 15 V, VGS = 5 V, ID = 19 A
12
nC
Turn-On Delay Time
b
td(on)
18
Rise Time
b
tr
37
Turn-Off Delay Time
b
td(off)
39
Fall Time
b
tf
VDD = 15 V, RL = 15 Ω
ID ≅ 1A, VGEN = 10 V, RG = 6 Ω
108
Source-Drain Reverse Recovery Time
trr
IF = 2.3 A, di/dt = 100 A/µs
49
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com