Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1168 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1168
Description  AUDIO PROCESSOR with Input Selector and Subwoofer Output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1168 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1168 Datasheet HTML 3Page - New Japan Radio NJW1168 Datasheet HTML 4Page - New Japan Radio NJW1168 Datasheet HTML 5Page - New Japan Radio NJW1168 Datasheet HTML 6Page - New Japan Radio NJW1168 Datasheet HTML 7Page - New Japan Radio NJW1168 Datasheet HTML 8Page - New Japan Radio NJW1168 Datasheet HTML 9Page - New Japan Radio NJW1168 Datasheet HTML 10Page - New Japan Radio NJW1168 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
NJW1168
-7-
PRELIMINARY
s
s
s
s APPLICATION CIRCUIT
30
29
41
40
39
32
33
31
C1 0.47µF
C7 0.033µF
+ C20
22µF
C39 0.47µF
C34 0.022 µF
+
+C24 4.7µF
C25 4.7µF
1
5
6
7
9
10
11
12
13
14
15
17
18
21
27
26
24
23
22
42
38
37
36
35
34
28
+
C23 4.7µF
C33 0.047µF
16
25
+
C26 4.7uF
+
C22 4.7µF
+
C21 4.7µF
INa1
MONa
CMON
LF1
OUTw
VE-FIL2
VE-FIL1
OUTa
CVb
AUX0
AUX1
GND
INb1
MONb
LF3
LF2
DCC1
OUTb
CVw
CTH
CTL
Vref
V+
VE-FIL3
DCC2
CVa
TONE-La
TONE-Ha
CVE
2
INa2
INb2
3
INa3
INb3
4
INa4
INb4
C2 0.47µF
C3 0.47µF
C4 0.47µF
C5 4.7µF+
+
C6 4.7µF
C12 2.2nF
8
+
C8 4.7µF
C9 1nF C10 1nF
R16 220Ω
R17 4.7kΩ
+
C11 4.7µF
C13 100nF
+
C14 4.7µF
+
C15 4.7µF
19
20
SDA
SCL
R18 100Ω
R19 220Ω
C27 100nF
C28 2.2nF
TONE - Lb
TONE - Hb
+
C29 4.7µF
CSR
C32 4.7µF
C30
22nF
eala-FIL
AGC
C31
0.33µF
C35
4.7 µF
+
C38 0.47µF
C37 0.47µF
C36 0.47µF
(✳)
Separate the I
2C bus line and Signal line from the following terminals for avoiding digital noise problem and cross talk.
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
7
LF1
13
TONE-Ha
32
eala-FIL
9
VE-FIL3
14
TONE-La
36
LF2
10
VE-FIL2
29
TONE-Lb
37
LF3
11
VE-FIL1
30
TONE-Hb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com