Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59830 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL59830
Description  True Single Supply Video Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59830 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL59830 Datasheet HTML 1Page - Renesas Technology Corp ISL59830 Datasheet HTML 2Page - Renesas Technology Corp ISL59830 Datasheet HTML 3Page - Renesas Technology Corp ISL59830 Datasheet HTML 4Page - Renesas Technology Corp ISL59830 Datasheet HTML 5Page - Renesas Technology Corp ISL59830 Datasheet HTML 6Page - Renesas Technology Corp ISL59830 Datasheet HTML 7Page - Renesas Technology Corp ISL59830 Datasheet HTML 8Page - Renesas Technology Corp ISL59830 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL59830
FN7489 Rev.1.00
Page 2 of 15
May 4, 2006
Absolute Maximum Ratings (TA = 25°C)
VCC, Supply Voltage between VS and GND . . . . . . . . . . . . . . . . .5V
VIN, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC+0.3V, VEE-0.3V
Voltage between VIN and VREF. . . . . . . . . . . . . . . . . . . . . . . . . .±2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
AC Electrical Specifications
VCC = DVCC = +3.3V, REF = GND, TA = 25°C, RL = 150, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW -3dB
3dB Bandwidth
VOUT = 200mVPP
200
MHz
VOUT = 2VPP
100
MHz
BW 0.1dB
0.1dB Bandwidth
VOUT = 2VPP
50
MHz
SR
Slew Rate
VOUT = 2VPP
500
V/µs
dG
Differential Gain
0.07
%
dP
Differential Phase
0.06
°
XT
Hostile Crosstalk
6MHz
-90
dB
I
Input to Output Isolation
6MHz
-70
dB
VN
Input Noise Voltage
20
nV/
Hz
Fcp
Charge Pump Switch Frequency
168
MHz
Load Reg
IEE = 0mA to 10mA
12
60
mV
VRIPPLE
Output Amp Ripple Voltage
30
mV
With Bead Core to DVCC
10
mV
DC Electrical Specifications
VCC = DVCC = +3.3V, REF = GND, TA = 25°C, RL = 150, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
V+
Supply Range
3.0
3.6
V
VG%
Gain Error
RL = 150, VIN = +2.5V to -1V
1.5
%
G
Gain Matching
RL = 150
0.5
%
RIN
Input Resistance
VIN = 0V to 1.5V
1.0
1.7
15
M
VOS
Output Offset Voltage
VREF = 0
-25
7
+25
mV
IOUT +
Output Current
RL = 10, VIN = 1.2V
50
mA
IOUT -
Output Current
RL = 10, VIN = -0.3V
-18
mA
ZOUT
Output Impedance
Enabled
1
Three-stated
10
M
PSRR
Power Supply Rejection Ratio
60
90
dB
IS
Supply Current
Amp Enabled
120
150
mA
Amp Disabled
80
mA
RREF
Input Reference Resistor
4
5
6
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com