Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59833 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL59833
Description  200MHz Single Supply Video Driver With Charge Pump
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59833 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL59833 Datasheet HTML 7Page - Renesas Technology Corp ISL59833 Datasheet HTML 8Page - Renesas Technology Corp ISL59833 Datasheet HTML 9Page - Renesas Technology Corp ISL59833 Datasheet HTML 10Page - Renesas Technology Corp ISL59833 Datasheet HTML 11Page - Renesas Technology Corp ISL59833 Datasheet HTML 12Page - Renesas Technology Corp ISL59833 Datasheet HTML 13Page - Renesas Technology Corp ISL59833 Datasheet HTML 14Page - Renesas Technology Corp ISL59833 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL59833
FN6334 Rev 1.00
Page 13 of 15
March 5, 2007
THE VREF PIN
Applying a voltage to the VREF pin simply places that voltage
on what would usually be the ground side of the gain resistor of
the amplifier, resulting in a DC-level shift of the output signal.
Applying 100mV to the VREF pin would apply a -100mV DC
level shift to the outgoing signal. The charge pump provides
sufficient bottom room to accommodate the shifted signal.
VREF may be connected to ground for back porch at ground.
The ISL59833 buffers the VREF voltage before applying it to
the triple amplifiers, isolating the input from the amplifiers and
allowing it to be driven by moderate-impedance voltage
sources.
THE VEE PIN
The VEE pin is the output pin for the charge pump. A voltmeter
applied to this pin will display the output of the charge pump.
This pin does not affect the functionality of the part. One may
use this pin as an additional voltage source. Keep in mind that
the output of this pin is generated by the internal charge pump
and a fully regulated supply that must be properly bypassed.
We recommend a 0.1µF ceramic capacitor placed as close to
the pin and connected to the ground plane of the board.
INPUT, OUTPUT AND SUPPLY VOLTAGE RANGE
The ISL59833 is designed to operate with a single supply
voltage range of from 0V to 3.3V. The need for a split supply
has been eliminated with the incorporation of a charge pump
capable of generating a bottom rail as much as 1.6V below
ground, for a 4.9V range on a single 3.3V supply. This
performance is ideal for NTSC video with its negative-going
sync pulses.
VIDEO PERFORMANCE
For good video performance, an amplifier is required to
maintain the same output impedance and the same frequency
and phase response as DC levels are changed at the output.
This is especially difficult when driving a standard video load of
150
 because of the change in output current with changing
DC levels. Special circuitry has been incorporated into the
ISL59833 for the reduction of output impedance variation with
the current output. This results in outstanding differential gain
and differential phase specifications of 0.06% and 0.1°, while
driving 150
 at a gain of +2. Driving higher impedance loads
would result in similar or better differential gain and differential
phase performance.
NTSC
The ISL59833 (generating a negative rail internally) is ideally
suited for NTSC video with its accompanying negative-going
sync signals, which is easily handled by the ISL59833 without
the need for an additional supply as the ISL59833 generates a
negative rail with an internal charge pump referenced at
negative 1/2 the positive supply.
YPbPr
YPbPr signals originating from a DVD player requiring three
channels of very tightly-controlled amplifier gain accuracy
present no difficulty for the ISL59833. Specifically, this
standard encodes sync on the Y channel and it is a negative-
going signal, which is easily handled by the ISL59833 without
the need for an additional supply as the ISL59833 generates a
negative rail placed at negative 1/2 the positive supply.
Additionally, the Pb and Pr are bipolar analog signals and the
video signals are negative-going, and again, easily handled by
the ISL59833.
DRIVING CAPACITIVE LOADS AND CABLES
The ISL59833 (internally-compensated to drive 75
 cables)
will drive 10pF loads in parallel with 1k
 with less than 5dB of
peaking. If less peaking is required, a small series resistor,
usually between 5
 to 50, can be placed in series with the
output. This will reduce peaking at the expense of a slight
closed loop gain reduction. When used as a cable driver,
double termination is always recommended for reflection-free
performance. For those applications, a back-termination series
resistor at the amplifier's output will isolate the amplifier from
the cable and allow extensive capacitive drive. However, other
applications may have high capacitive loads without a back-
termination resistor. Again, a small series resistor at the output
can help to reduce peaking. The ISL59833 is a triple amplifier
designed to drive three channels; simply deal with each
channel separately as described in this section.
DC-RESTORE
When the ISL59833 is AC-coupled it becomes necessary to
restore the DC reference for the signal. This is accomplished
with a DC-restore system applied between the capacitive "AC"
coupling and the input of the device. Refer to “ISL59833 + DC-
Restore Solution” on page 10.
AMPLIFIER DISABLE
The ISL59833 can be disabled and its output placed in a high
impedance state. The turn-off time is around 25ns and the turn-
on time is around 200ns. When disabled, the amplifier's supply
current is reduced to 80mA typically, reducing power
consumption. The amplifier's power-down can be controlled by
standard TTL or CMOS signal levels at the EN pin. The applied
logic signal is relative to the GND pin. Letting the EN pin float
or applying a signal that is less than 0.8V above GND will
enable the amplifier. The amplifier will be disabled when the
signal at EN pin is 2V above GND. The VEE charge pump
remains active.
OUTPUT DRIVE CAPABILITY
The ISL59833 does not have internal short-circuit protection
circuitry. A short-circuit current of 80mA sourcing and 150mA
sinking for the output is connected half way between the rails
with a 10
 resistor. If the output is shorted indefinitely, the
power dissipation could easily increase such that the part will
be destroyed. Maximum reliability is maintained if the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com