Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59837IAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL59837IAZ
Description  200MHz Single Supply Video Driver With Charge Pump and Power Down
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59837IAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL59837IAZ Datasheet HTML 6Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 7Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 8Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 9Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 10Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 11Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 12Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 13Page - Renesas Technology Corp ISL59837IAZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ISL59837
FN6335 Rev 1.00
Page 13 of 14
March 5, 2007
DC-RESTORE
When the ISL59837 is AC-coupled it becomes necessary to
restore the DC reference for the signal. This is accomplished
with a DC-restore system applied between the capacitive "AC"
coupling and the input of the device. Refer to “ISL59837 + DC-
Restore Solution” on page 10.
DISABLE/POWER-DOWN
The ISL59837 can be disabled and its output placed in a high
impedance state. The turn-off time is around 25ns and the turn-
on time is around 200ns. When the PD pin is taken high, the
chip’s total supply current is reduced to 0.1mA typically, all but
eliminating the power used by the part. Taking the EN pin high
powers down the amplifiers, leaving the charge pump running.
Both pins can be controlled by standard TTL or CMOS signal
levels (0.8V VIL, 2.0V VIH relative to GND).
OUTPUT DRIVE CAPABILITY
The ISL59837 does not have internal short-circuit protection
circuitry. A short-circuit current of 80mA sourcing and 150mA
sinking for the output is connected half way between the rails with
a 10
 resistor. If the output is shorted indefinitely, the power
dissipation could easily increase such that the part will be
destroyed. Maximum reliability is maintained if the output current
never exceeds ±40mA, after which the electro-migration limit of
the process will be exceeded and the part will be damaged. This
limit is set by the design of the internal metal interconnections.
POWER DISSIPATION
With the high output drive capability of the ISL59837, it is
possible to exceed the +150°C absolute maximum junction
temperature under certain load current conditions. Therefore, it
is important to calculate the maximum junction temperature for
an application to determine if load conditions or package types
need to be modified to assure operation of the amplifier in a
safe operating area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC is
the total quiescent supply current times the total power supply
voltage, plus the power in the IC due to the load, or:
for sourcing:
for sinking:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
i = Number of output channels
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit Board
Layout
Strip line design techniques are recommended for the input
and output signal traces. As with any high frequency device, a
good printed circuit board layout is necessary for optimum
performance. Lead lengths should be as short as possible. The
power supply pin must be well bypassed to reduce the risk of
oscillation. For normal single supply operation, where the VS-
pin is connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+ to
GND will suffice. This same capacitor combination should be
placed at each supply pin to ground if split-internal supplies are
to be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to a minimum. Use of wire-wound resistors should be
avoided because of their additional series inductance. Use of
sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier's inverting input pin is also very important.
PDMAX
TJMAX TAMAX
–
JA
---------------------------------------------
=
(EQ. 1)
PDMAX
VS ISMAX VS VOUTi
–

+
VOUTi
RLi
-----------------
=
(EQ. 2)
PDMAX
VS ISMAX VOUTiVS
–

+
ILOADi
=
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com