Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E63F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-E63F
Description  white PLCC-4 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E63F Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-E63F Datasheet HTML 1Page - OSRAM GmbH LS-E63F Datasheet HTML 2Page - OSRAM GmbH LS-E63F Datasheet HTML 3Page - OSRAM GmbH LS-E63F Datasheet HTML 4Page - OSRAM GmbH LS-E63F Datasheet HTML 5Page - OSRAM GmbH LS-E63F Datasheet HTML 6Page - OSRAM GmbH LS-E63F Datasheet HTML 7Page - OSRAM GmbH LS-E63F Datasheet HTML 8Page - OSRAM GmbH LS-E63F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-06-27
1
2016-06-27
Power TOPLED Lens
Datasheet
Version 1.4
LS E63F
Features:
Besondere Merkmale:
Package: white PLCC-4 package, colorless clear
resin
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % IV: 30°
Abstrahlwinkel bei 50 % IV: 30°
Color: super red (633 nm)
Farbe: super rot (633 nm)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Signaling
Signalanlagen
Backlighting
Hinterleuchtung
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Dashboard Backlighting
Instrumentenbeleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten


Similar Part No. - LS-E63F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E63B OSRAM-LS-E63B Datasheet
205Kb / 16P
white P-LCC-4 package
LS-E63B-BBCB-1-1-Z OSRAM-LS-E63B-BBCB-1-1-Z Datasheet
479Kb / 20P
Power TOPLED Lens
More results

Similar Description - LS-E63F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
white PLCC-4 package, colorless clear resin
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
white PLCC-4 package, colorless clear resin
LA-ETSF OSRAM-LA-ETSF Datasheet
612Kb / 21P
white PLCC-4 package, colorless clear resin
LR-E67F OSRAM-LR-E67F Datasheet
472Kb / 20P
white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com