Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-E67F
Description  white PLCC-4 package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-E67F Datasheet HTML 1Page - OSRAM GmbH LS-E67F Datasheet HTML 2Page - OSRAM GmbH LS-E67F Datasheet HTML 3Page - OSRAM GmbH LS-E67F Datasheet HTML 4Page - OSRAM GmbH LS-E67F Datasheet HTML 5Page - OSRAM GmbH LS-E67F Datasheet HTML 6Page - OSRAM GmbH LS-E67F Datasheet HTML 7Page - OSRAM GmbH LS-E67F Datasheet HTML 8Page - OSRAM GmbH LS-E67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2013-02-14
1
2013-02-14
Power TOPLED
Datasheet
Version 1.1
LS E67F
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (633 nm)
• Farbe: super rot (633 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Signaling
• Signalanlagen
• Backlighting
• Hinterleuchtung
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Lamps and Lights
• Lampen und Leuchten


Similar Part No. - LS-E67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E67B OSRAM-LS-E67B Datasheet
184Kb / 14P
white P-LCC-4 package
More results

Similar Description - LS-E67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
white PLCC-4 package, colorless clear resin
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
white PLCC-4 package, colorless clear resin
LA-ETSF OSRAM-LA-ETSF Datasheet
612Kb / 21P
white PLCC-4 package, colorless clear resin
LR-E67F OSRAM-LR-E67F Datasheet
472Kb / 20P
white PLCC-4 package, colorless clear resin
LS-E63F OSRAM-LS-E63F Datasheet
378Kb / 22P
white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com