Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-G6SP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LS-G6SP
Description  white SMT package, colorless clear silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-G6SP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LS-G6SP Datasheet HTML 6Page - OSRAM GmbH LS-G6SP Datasheet HTML 7Page - OSRAM GmbH LS-G6SP Datasheet HTML 8Page - OSRAM GmbH LS-G6SP Datasheet HTML 9Page - OSRAM GmbH LS-G6SP Datasheet HTML 10Page - OSRAM GmbH LS-G6SP Datasheet HTML 11Page - OSRAM GmbH LS-G6SP Datasheet HTML 12Page - OSRAM GmbH LS-G6SP Datasheet HTML 13Page - OSRAM GmbH LS-G6SP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LS G6SP
10 Version 1.2 | 2018-02-13
0
0
˚C
T
IF
mA
OHL02180
TA
TS
A
T
TS temp. solder point
temp. ambient
50
100
150
200
250
20
40
60
80
120
Max. Permissible Forward Current
I
F = f(T)
0
-5
F
I
A
tP
=
D T
tp
s
0.2
0.5
0.05
1
0.1
OHL01185
0.02
0.005
0.01
=
D
T
tP
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.033
0.2
0.4
0.6
0.8
1.0
1.2
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
0
-5
F
I
A
tP
=
D T
tp
s
0.2
0.5
0.05
1
0.1
OHL01184
0.02
0.005
0.01
=
D
T
tP
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.033
0.2
0.4
0.6
0.8
1.0
1.2
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com