Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-M67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-M67F
Description  SMD epoxy package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-M67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-M67F Datasheet HTML 1Page - OSRAM GmbH LS-M67F Datasheet HTML 2Page - OSRAM GmbH LS-M67F Datasheet HTML 3Page - OSRAM GmbH LS-M67F Datasheet HTML 4Page - OSRAM GmbH LS-M67F Datasheet HTML 5Page - OSRAM GmbH LS-M67F Datasheet HTML 6Page - OSRAM GmbH LS-M67F Datasheet HTML 7Page - OSRAM GmbH LS-M67F Datasheet HTML 8Page - OSRAM GmbH LS-M67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-10-31
1
2014-10-31
Mini TOPLED
Datasheet
Version 1.3
LS M67F
Features:
Besondere Merkmale:
• Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
• Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: super red (633 nm)
•
Farbe: super rot (633 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
•
Optischer Indikator
• Coupling into Light Guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Automotive Interior Lighting
•
Automobilbeleuchtung innen
• Dashboard Backlighting
•
Instrumentenbeleuchtung
• LCD Backlighting
•
LCD Beleuchtung


Similar Part No. - LS-M67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-M670 OSRAM-LS-M670 Datasheet
373Kb / 15P
white SMT package, colorless clear resin
LS-M676 OSRAM-LS-M676 Datasheet
188Kb / 15P
white SMT package
LS-M676-P2S1-1 OSRAM-LS-M676-P2S1-1 Datasheet
504Kb / 20P
Mini TOPLED
LS-M67K OSRAM-LS-M67K Datasheet
500Kb / 20P
white SMT package, colorless clear resin
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
More results

Similar Description - LS-M67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
SMD epoxy package
KWH5L531.TE OSRAM-KWH5L531.TE Datasheet
861Kb / 23P
SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
SMD epoxy package
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
SMD epoxy package
LR-H9PP OSRAM-LR-H9PP Datasheet
726Kb / 22P
SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com