Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-P47K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-P47K
Description  white SMT package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-P47K Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-P47K Datasheet HTML 1Page - OSRAM GmbH LS-P47K Datasheet HTML 2Page - OSRAM GmbH LS-P47K Datasheet HTML 3Page - OSRAM GmbH LS-P47K Datasheet HTML 4Page - OSRAM GmbH LS-P47K Datasheet HTML 5Page - OSRAM GmbH LS-P47K Datasheet HTML 6Page - OSRAM GmbH LS-P47K Datasheet HTML 7Page - OSRAM GmbH LS-P47K Datasheet HTML 8Page - OSRAM GmbH LS-P47K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-01-08
1
2014-01-08
PointLED
Datasheet
Version 1.1
LS P47K
top mount
reverse mount
With a diameter of just 2 mm, the PointLED is one of
the smallest packages in its class and achieves high
luminous efficacies. Due to its round and flat package,
measuring only 0.775 mm high, it is ideal for
application where space is a sensitive issue.
Mit nur 2 mm Durchmesser gehört die PointLED zu
den kleinsten LED auf dem Markt bei hohen
Effizienzen. Aufgrund ihres runden und flachen
Gehäuses mit nur 0,775 mm Bauhöhe ist sie ideal für
Applikationen mit begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (630 nm)
• Farbe: super rot (630 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into light guides
• Einkopplung in Lichtleiter
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen


Similar Part No. - LS-P47K

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LS-P47K AMSOSRAM-LS-P47K Datasheet
1Mb / 23P
PointLED®
2024-11-12
logo
OSRAM GmbH
LS-P47K-J1K2-1-Z OSRAM-LS-P47K-J1K2-1-Z Datasheet
517Kb / 20P
PointLED
More results

Similar Description - LS-P47K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
white SMT package, colorless clear resin
LA-M676 OSRAM-LA-M676 Datasheet
505Kb / 20P
white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
white SMT package, colorless clear resin
LG-Y876 OSRAM-LG-Y876 Datasheet
962Kb / 22P
white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
white SMT package, colorless clear resin
LO-A67F OSRAM-LO-A67F Datasheet
521Kb / 21P
white SMT package, colorless clear resin
LO-P47F OSRAM-LO-P47F Datasheet
525Kb / 22P
white SMT package, colorless clear resin
LO-T770 OSRAM-LO-T770 Datasheet
429Kb / 19P
white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com