Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T67B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-T67B
Description  white PLCC-2 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T67B Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-T67B Datasheet HTML 1Page - OSRAM GmbH LS-T67B Datasheet HTML 2Page - OSRAM GmbH LS-T67B Datasheet HTML 3Page - OSRAM GmbH LS-T67B Datasheet HTML 4Page - OSRAM GmbH LS-T67B Datasheet HTML 5Page - OSRAM GmbH LS-T67B Datasheet HTML 6Page - OSRAM GmbH LS-T67B Datasheet HTML 7Page - OSRAM GmbH LS-T67B Datasheet HTML 8Page - OSRAM GmbH LS-T67B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-08-14
1
2013-08-14
TOPLED
Datasheet
Version 1.0
LS T67B
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (633 nm)
• Farbe: super rot (633 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Backlighting
• Hinterleuchtung
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LS-T67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-T670 OSRAM-LS-T670 Datasheet
441Kb / 19P
white PLCC-2 package, colorless clear resin
LS-T670-J1K2-1-Z OSRAM-LS-T670-J1K2-1-Z Datasheet
441Kb / 19P
TOPLED
LS-T676 OSRAM-LS-T676 Datasheet
569Kb / 15P
white P-LCC-2 package, colorless clear resin
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
TOPLED
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
white PLCC-2 package, colorless clear resin
More results

Similar Description - LS-T67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
white PLCC-2 package, colorless clear resin
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com