Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70SC20BA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 70SC20BA
Description  4 Pole SMD MCF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

70SC20BA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  70SC20BA Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Filter
1803C_NM1170BA_e
4 Pole SMD MCF (Equipped with coupling capacitor)
This four-pole crystal filter equipped with coupling capacitor also supports surface
mounting.
● Supports IR reflow and VPS.
(Contact us for information on the temperature profile.)
● Supports surface mounting. (Packed with embossed tape)
● Equipped with coupling capacitor.
● Excellent shock-resistance.
● Frequency range Fundamental: 20 to 90 MHz
■ Features
Model
21SC15BB
45SC7.5BG
45SC15BE
45SC20BB
45SC30BD
70SC20BA
90SC15B
Number of Poles
4
Nominal Frequency
21.4MHz
45 MHz
70.05 MHz
90 MHz
3 dB Passband Width
Min. ±7.5 kHz
Min. ±3.75 kHz
Min. ±7.5 kHz
Min. ±10 kHz
Min. ±15 kHz
Min. ±10 kHz
Min. ±7.5 kHz
Stop Bandwidth
Max. ±25 kHz
at 40 dB
Max. ±12.5 kHz
at 25 dB
Max. ±25 kHz
at 35 dB
Max. ±25 kHz
at 25 dB
Max. ±60 kHz
at 40 dB
Max. ±25 kHz
at 20 dB
Max. ±25 kHz
at 25 dB
Ripple
Max. 1.5 dB
Max. 1 dB
Max. 2 dB
Max. 1 dB
Max. 1 dB
Max. 1 dB
Max. 1 dB
Insertion Attenuation
(insertion Loss)
Max. 3 dB
Max. 5 dB
Max. 5 dB
Max. 3 dB
Max. 4 dB
Max. 4.5 dB
Max. 8 dB
Guaranteed
Attenuation
Min. 80 dB
at –910 kHz
Min. 80 dB
at –910 kHz
Min. 80 dB
at –910 kHz
Min. 80 dB
at –910 kHz
Min. 70 dB
at –910 kHz
Min. 70 dB
at –910 kHz
Min. 75 dB
at –910 kHz
Spurious
Characteristics
Min. 40 dB
Within ±1 MHz
Min. 50 dB
Within ±1 MHz
Min. 50 dB
Within ±1 MHz
Min. 25 dB
Within ±1 MHz
Min. 30 dB
Within ±1 MHz
Min. 35 dB
Within ±1 MHz
Min. 40 dB
Within ±1 MHz
Terminating Impedance
1500 Ω // 1.5 pF
350 Ω // 6 pF
650 Ω // 2 pF
800 Ω // 1.5 pF
1000 Ω // 1 pF
300 Ω // 2 pF
310 Ω // 2 pF
Operating Temperature Range
–20 to +70 °C
–20 to +70 °C
–20 to +70 °C
–30 to +70 °C
–20 to +70 °C
–20 to +70 °C
–20 to +70 °C
Package Type
NM1170BA
Specification Number
MN15-395
MN15-368
MN15-319
MN15-372
MN15-371
MN15-317
MN15-320
Caution: Solder only the top surface of the filter before using it.
■ Specifications
mm
NM1170BA : Type: with a built-in coupling capacitor
1.3
10.2
1.8
Land pattern (Typical)
1
6
2
3
4
5
9.0
1.2
11.4
6
1
2
4
3
5
1
2
3
4
5
6
GND
GND
OUTPUT
GND
GND
INPUT
Terminal land connections
Tolerance ±0.3
■ Dimensions
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - 70SC20BA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
70SC20BA NDK-70SC20BA Datasheet
78Kb / 1P
four-pole crystal filter with a built-in coupling capacitor
70SC20BA NDK-70SC20BA Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
More results

Similar Description - 70SC20BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS3-45A01 ETC-TS3-45A01 Datasheet
105Kb / 1P
3-pole MCF
logo
NIHON DEMPA KOGYO
10A7.5CB NDK-10A7.5CB Datasheet
84Kb / 1P
10.7 MHz- and 21.4 MHz-Series MCF
45S7.5AA NDK-45S7.5AA Datasheet
82Kb / 1P
Fundamental 45MHz-Series MCF
45NE7.5BB NDK-45NE7.5BB Datasheet
86Kb / 1P
45-90 MHz-Series MCF
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
Surface-mount Type 2 Pole MCF
21SC15BB NDK-21SC15BB Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
45EE7.5A NDK-45EE7.5A Datasheet
461Kb / 1P
4 Pole MCF
45EE7.5A NDK-45EE7.5A_18 Datasheet
452Kb / 1P
4 Pole SMD MCF
21E7.5AD NDK-21E7.5AD_18 Datasheet
952Kb / 2P
2 Pole SMD MCF
logo
WAGO Kontakttechnik Gmb...
756-9301-040-000 WAGO-756-9301-040-000 Datasheet
163Kb / 3P
Accessories; 4-pole
22.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com