Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13325 Datasheet(PDF) 18 Page - Ledil, Inc.

Part # F13325
Description  ~20째 spot beam
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13325 Datasheet(HTML) 18 Page - Ledil, Inc.

Back Button F13325 Datasheet HTML 14Page - Ledil, Inc. F13325 Datasheet HTML 15Page - Ledil, Inc. F13325 Datasheet HTML 16Page - Ledil, Inc. F13325 Datasheet HTML 17Page - Ledil, Inc. F13325 Datasheet HTML 18Page - Ledil, Inc. F13325 Datasheet HTML 19Page - Ledil, Inc. F13325 Datasheet HTML 20Page - Ledil, Inc. F13325 Datasheet HTML 21Page - Ledil, Inc. F13325 Datasheet HTML 22Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
PRODUCT
DATASHEET
F13325_ANGELINA-S
PHOTOMETRIC DATA (MEASURED):
LED
PrevaLED Core AC (LEP-2000)
FWHM
23.0°
Efficiency
93 %
Peak intensity
2.100 cd/lm
Required components:
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LED
PrevaLED Core AC (LEP-800)
FWHM
16.0°
Efficiency
94 %
Peak intensity
3.100 cd/lm
Required components:
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LED
PrevaLED Core Z3 LES19
FWHM
23.0°
Efficiency
94 %
Peak intensity
2.210 cd/lm
Required components:
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LED
PrevaLED Core Z3 LES23
FWHM
27.0°
Efficiency
94 %
Peak intensity
1.800 cd/lm
Required components:
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Last update: 29/05/2018
Subject to change without prior notice
18/33
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com