Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F14532 Datasheet(PDF) 14 Page - Ledil, Inc.

Part # F14532
Description  ~10째 spot beam
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14532 Datasheet(HTML) 14 Page - Ledil, Inc.

Back Button F14532 Datasheet HTML 10Page - Ledil, Inc. F14532 Datasheet HTML 11Page - Ledil, Inc. F14532 Datasheet HTML 12Page - Ledil, Inc. F14532 Datasheet HTML 13Page - Ledil, Inc. F14532 Datasheet HTML 14Page - Ledil, Inc. F14532 Datasheet HTML 15Page - Ledil, Inc. F14532 Datasheet HTML 16Page - Ledil, Inc. F14532 Datasheet HTML 17Page - Ledil, Inc. F14532 Datasheet HTML 18Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PRODUCT
DATASHEET
F14532_ANGELETTE-S
PHOTOMETRIC DATA (MEASURED):
LED
Soleriq S19
FWHM
16.0°
Efficiency
85 %
Peak intensity
4.000 cd/lm
Required components:
F13671_ANGE-RZ-LENS
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
Soleriq S19
FWHM
14.0°
Efficiency
90 %
Peak intensity
5.300 cd/lm
Required components:
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
Fortimo SLM L15 Standard
FWHM
13.0°
Efficiency
89 %
Peak intensity
6.000 cd/lm
Required components:
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LED
LC040C
FWHM
10.0°
Efficiency
90 %
Peak intensity
8.800 cd/lm
Required components:
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Last update: 28/05/2018
Subject to change without prior notice
14/19
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com