Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F14616 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F14616
Description  ~10째 spot beam compatible with BJB connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14616 Datasheet(HTML) 1 Page - Ledil, Inc.

  F14616 Datasheet HTML 1Page - Ledil, Inc. F14616 Datasheet HTML 2Page - Ledil, Inc. F14616 Datasheet HTML 3Page - Ledil, Inc. F14616 Datasheet HTML 4Page - Ledil, Inc. F14616 Datasheet HTML 5Page - Ledil, Inc. F14616 Datasheet HTML 6Page - Ledil, Inc. F14616 Datasheet HTML 7Page - Ledil, Inc. F14616 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
F14616_ANGELETTE-S-B
ANGELETTE-S-B
~10°
spot
beam
compatible
with
BJB
connectors
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 110 mm
Height
57.3 mm
Fastening
socket
Colour
metal
Box size
398 x 298 x 265 mm
Box weight
7.4 kg
Quantity in Box
180 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
ANGELETTE-S-B
Reflector
PC
metal
Last update: 21/05/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F14616

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14617 LEDIL-F14617 Datasheet
5Mb / 8P
~50째 medium beam compatible with BJB connectors
F14618 LEDIL-F14618 Datasheet
5Mb / 8P
~60째 wide beam compatible with BJB connectors
F14619 LEDIL-F14619 Datasheet
7Mb / 16P
~10째 spot beam. Clean appearance with no additional attachment interface.
More results

Similar Description - F14616

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13662 LEDIL-F13662_18 Datasheet
9Mb / 19P
~10째 spot beam compatible with BJB connectors
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
~10째 spot beam
F14618 LEDIL-F14618 Datasheet
5Mb / 8P
~60째 wide beam compatible with BJB connectors
FCP15344 LEDIL-FCP15344 Datasheet
9Mb / 6P
~10째 spot beam
CP16940 LEDIL-CP16940 Datasheet
5Mb / 4P
~10째 spot beam
CP15916 LEDIL-CP15916 Datasheet
18Mb / 13P
~10째 spot beam.
FCP14965 LEDIL-FCP14965 Datasheet
5Mb / 6P
~10째 spot beam
C16686 LEDIL-C16686 Datasheet
11Mb / 11P
~10째 spot beam
CN10861 LEDIL-CN10861 Datasheet
9Mb / 9P
~10째 spot beam with holder
CP17151 LEDIL-CP17151 Datasheet
2Mb / 4P
~10째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com