Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-9202 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-9202
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9202 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-9202 Datasheet HTML 1Page - OSRAM GmbH SFH-9202 Datasheet HTML 2Page - OSRAM GmbH SFH-9202 Datasheet HTML 3Page - OSRAM GmbH SFH-9202 Datasheet HTML 4Page - OSRAM GmbH SFH-9202 Datasheet HTML 5Page - OSRAM GmbH SFH-9202 Datasheet HTML 6Page - OSRAM GmbH SFH-9202 Datasheet HTML 7Page - OSRAM GmbH SFH-9202 Datasheet HTML 8Page - OSRAM GmbH SFH-9202 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2012-08-17
1
2012-08-17
Reflective Interrupter
Reflexlichtschranke
Version 1.0 (not for new design)
SFH 9202
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• IR-GaAs-emitter in combination with a silicon NPN
phototransistor
• IR-GaAs-Lumineszenzdiode in Kombination mit
einem Si-NPN-Fototransistor
• Optimal operating distance 1 mm to 5 mm
• Optimaler Arbeitsabstand 1 mm bis 5 mm
• Daylight cut-off filter
• Tageslichtsperrfilter
• Low saturation voltage
• Geringe Sättigungsspannung
• Emitter and detector electrically isolated
• Sender und Empfänger galvanisch getrennt
• Preconditioning acc. to JEDEC Level 4
• Vorbehandlung nach JEDEC Level 4
• Replacement: SFH 9206
• Ersatz: SFH 9206
Applications
Anwendungen
• Position reporting
• Positionsmelder
• End position switch
• Endabschaltung
• Speed monitoring and regulating
• Drehzahlüberwachung und -regelung
• Motion transmitter
• Bewegungssensor
Type:
Collector-emitter current
Ordering Code
Typ:
Kollektor-Emitterstrom
Bestellnummer
Kodak neutral white testcard with 90% reflection;
IF = 10 mA, VCE = 5 V, d = 1 mm
IPCE [µA]
SFH 9202
63 ... 800
Q65110A2712
SFH 9202-2/3 63 ... 200
Q65110A2705
SFH 9202-3/4 100 ... 320
Q65110A2710
SFH 9202-4/5 160 ... 500
Q65110A2709
SFH 9202-5/6 250 ... 800
Q65110A2711


Similar Part No. - SFH-9202

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
Reflective Interrupter
SFH-9206 OSRAM-SFH-9206 Datasheet
482Kb / 15P
Reflective Interrupter
More results

Similar Description - SFH-9202

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9202 OSRAM-SFH9202 Datasheet
321Kb / 11P
Reflexlichtschranke Reflective Interrupter
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
274Kb / 8P
Reflective Interrupter
logo
KODENSHI_AUK CORP.
KIR-1001A KODENSHI-KIR-1001A Datasheet
214Kb / 1P
Reflective Photo Interrupter Perception Color
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
Reflexlichtschranke Reflective Interrupter
logo
KODENSHI_AUK CORP.
KPI-3020R KODENSHI-KPI-3020R Datasheet
102Kb / 1P
Photo Interrupter(Reflective)
logo
OSRAM GmbH
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH9245 OSRAM-SFH9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
Reflective Interrupter
SFH-9206 OSRAM-SFH-9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com