Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-PL90 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPL-PL90
Description  Pulsed Laser Diode in Plastic Package 25 W Peak Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-PL90 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPL-PL90 Datasheet HTML 1Page - OSRAM GmbH SPL-PL90 Datasheet HTML 2Page - OSRAM GmbH SPL-PL90 Datasheet HTML 3Page - OSRAM GmbH SPL-PL90 Datasheet HTML 4Page - OSRAM GmbH SPL-PL90 Datasheet HTML 5Page - OSRAM GmbH SPL-PL90 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Version 1.5
SPL PL90
2015-11-20
5
Glossary
1) Soldering temperature: 2 mm from bottom edge of case
2) Standard operating conditions: Standard operating conditions refer to pulses of 100 ns width at 1 kHz rate with
30 A operating current at TA = 25 °C.
3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com