Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN73711 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN73711
Description  High-Current, High-Side Gate Drive IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN73711 Datasheet(HTML) 2 Page - ON Semiconductor

  FAN73711 Datasheet HTML 1Page - ON Semiconductor FAN73711 Datasheet HTML 2Page - ON Semiconductor FAN73711 Datasheet HTML 3Page - ON Semiconductor FAN73711 Datasheet HTML 4Page - ON Semiconductor FAN73711 Datasheet HTML 5Page - ON Semiconductor FAN73711 Datasheet HTML 6Page - ON Semiconductor FAN73711 Datasheet HTML 7Page - ON Semiconductor FAN73711 Datasheet HTML 8Page - ON Semiconductor FAN73711 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73711 • Rev. 1.0.1
March 2013
FAN73711
High-Current, High-Side Gate Drive IC
Features
Floating Channel for Bootstrap Operation to +600 V
4 A / 4 A Sourcing/Sinking Current Driving Capability
Common-Mode dv/dt Noise Canceling Circuit
3.3 V and 5 V Input Logic Compatible
Output In-phase with Input Signal
Under-Voltage Lockout for VBS
Built-In Shunt Regulator on VDD and VBS
8-Lead, Small Outline Package (SOP)
Applications
High-Speed Gate Driver
Sustain Switch Driver in PDP Application
Energy Recovery Circuit Switch Driver in
PDP Application
High-Power Buck Converter
Motor Drive Inverter
Description
The FAN73711 is a monolithic high-side gate-drive IC
that can drive high-speed MOSFETs and IGBTs operat-
ing up to +600 V. It has a buffered output stage with all
NMOS transistors designed for high pulse-current driving
capability and minimum cross-conduction.
Fairchild’s high-voltage process and common-mode
noise canceling techniques provide stable operation of
the high-side driver under high dv/dt noise circum-
stances. An advanced level-shift circuit offers high-side
gate driver operation up to VS=-9.8 V (typical) for
VBS=15 V. The UVLO circuit prevents malfunction when
VBS is lower than the specified threshold voltage.
The high-current and low-output voltage-drop feature
makes this device suitable as a sustain and energy-
recovery circuit switch driver in plasma display panel,
motor drive inverter, switching power supply, and high-
power DC-DC converter applications.
Ordering Information
8-SOP
Part Number
Operating Temperature Range
Package
Packing Method
FAN73711MX
40°C ~ 125°C
8-SOP
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com