Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002U/AA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA2002U/AA
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002U/AA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA2002U/AA Datasheet HTML 3Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 4Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 5Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 6Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 7Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 8Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 9Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 10Page - NXP Semiconductors PCA2002U/AA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2004 Jan 20
7
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
There are four different instruction states:
• State 1; measurement of the crystal oscillator frequency
(divided by 1024)
• State 2; measurement of the inhibition time
• State 3; write/check word A
• State 4; write/check word B.
Each instruction state is switched on with a pulse to
VP(start). After this large pulse, an initial waiting time of t0 is
required. The programming instructions are then entered
by modulating the supply voltage with small pulses of an
amplitude VP(mod) and pulse width tmod. The first small
pulse defines the start time, the following pulses perform
three different functions, depending on the time delay (td)
from the preceding pulse (see Fig.6):
• td =t1 (0.7 ms); increments the instruction counter
• td =t2 (1.7 ms); clocks the shift register with D = 0 at the
input
• td =t3 (2.7 ms); clocks the shift register with D = 1 at the
input.
The programming procedure requires a stable oscillator,
which means that a waiting time, determined by the
start-up time of the oscillator, is necessary after power-up
of the circuit.
After the VP(start) pulse, the instruction counter is in state 1
and the data shift register is cleared. The instruction state
ends with a second pulse to VP(start) or with the pulse to
Vstore. In any event the instruction states are terminated
automatically 2 seconds after the last VP(mod) pulse.
MEASUREMENT OF OSCILLATOR FREQUENCY AND INHIBIT TIME
The output of the two measuring states can either be
monitored directly at pin RESET or as a modulation of the
supply current (a modulating resistor of 30 k
Ω is
connected between VDD and VSS when the signal at pin
RESET is HIGH):
• State 1; crystal oscillator frequency divided by 1024;
state 1 starts with a pulse to VP(start) and ends with a
second pulse to VP(stop)
• State 2; inhibition time (see Fig.7); a frequency with the
period of (31.25 + n
× 0.122) ms appears at pin RESET
and as current modulation at the supply pin.
PROGRAMMING THE MEMORY CELLS
Applying the two-stage programming pulse (see Fig.8)
transfers the stored data in the shift register to the OTP
cells.
Perform the following to programme a memory word:
1. Starting with a VP(start) pulse, wait for the time period t0
then set the instruction counter to the word to be
written (td =t1)
2. Enter the data to be stored into the shift register (td =t2
or t3), LSB first (bit 8) and MSB last (bit 1)
3. Applying the two-stage programming pulse Vpre-store
followed by Vstore stores the word. The delay between
the last data bit and the pre-store pulse Vpre-store is
td =t4. Store the word by raising the supply voltage to
Vstore (9.9 V for 100 ms); the delay between the last
data bit and the store pulse is td =t4 (0.2 ms).
The example shown in Fig.8 performs the following
functions: start, setting the instruction counter to state 4
(word B), entering data word 110101 into the shift register
(sequence: LSB first and MSB last) and writing the OTP
cells for word B.
handbook, halfpage
VDD
VP(start)
VP(mod)
VP(stop)
t1
tp(start)
t0
VSS
VDD(nom)
MGU719
tp(stop)
Fig.6
Supply voltage modulation for start and stop
of instruction state 2.
handbook, halfpage
VDD
31.25 ms + Inhibtion time
VSS
MGU720
Fig.7
Output waveform at pin RESET for
instruction state 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com