Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8457
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8457 Datasheet HTML 17Page - Infineon Technologies AG TLE8457 Datasheet HTML 18Page - Infineon Technologies AG TLE8457 Datasheet HTML 19Page - Infineon Technologies AG TLE8457 Datasheet HTML 20Page - Infineon Technologies AG TLE8457 Datasheet HTML 21Page - Infineon Technologies AG TLE8457 Datasheet HTML 22Page - Infineon Technologies AG TLE8457 Datasheet HTML 23Page - Infineon Technologies AG TLE8457 Datasheet HTML 24Page - Infineon Technologies AG TLE8457 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
21
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
General Product Characteristics
5.3
Thermal Characteristics
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more
information, please visit www.jedec.org.
Table 5
Thermal Resistance1)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Thermal Resistance, PG-DSO-8 Package Version
Junction ambient
RthJA
–
130
–
K/W 2)
2) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 μm Cu, 2 x 35 μm
Cu). Where applicable a thermal via array under the exposed pad contacted to the first inner copper layer.
P_5.3.1
Thermal Resistance, PG-TSON-8 Package Version
Junction ambient
RthJA
–60
–
K/W 2)
P_5.3.2
Junction ambient
–
190
–
K/W Footprint only3)
3) Specified RthJA value is according to Jedec JESD51-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 1 inner copper layer (1 x 70 μm Cu).
P_5.3.5
Junction ambient
–
70
–
K/W 300mm2 heatsink on
PCB3)
P_5.3.6
Thermal Shutdown Junction Temperature
Thermal shutdown temperature TJSD
160
180
200
°C
TJSD increasing
P_5.3.3
Thermal shutdown hysteresis
ΔT
–10
–
K
TJSD decreasing
P_5.3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com