Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250V Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9250V
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250V Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9250V Datasheet HTML 9Page - Infineon Technologies AG TLE9250V Datasheet HTML 10Page - Infineon Technologies AG TLE9250V Datasheet HTML 11Page - Infineon Technologies AG TLE9250V Datasheet HTML 12Page - Infineon Technologies AG TLE9250V Datasheet HTML 13Page - Infineon Technologies AG TLE9250V Datasheet HTML 14Page - Infineon Technologies AG TLE9250V Datasheet HTML 15Page - Infineon Technologies AG TLE9250V Datasheet HTML 16Page - Infineon Technologies AG TLE9250V Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
13
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6.3
Mode changes by VCC undervoltage
When the transmitter supply VCC (VCC < VCC(U/F)) is in undervoltage condition, the TLE9250V might not be able to
provide the correct bus levels on the CANH and CANL output pins. To avoid any interference with the network
the TLE9250V blocks the transmitter and changes the mode of operation when an undervoltage event is
detected (see Figure 8 and Figure 9).
In Normal-operating mode a undervoltage event on transmitter supply VCC (VCC < VCC(U/F)) triggers a mode
change to Forced-receive-only mode.
In Forced-receive-only mode the undervoltage detection VCC (VCC < VCC(U/F))is enabled. In Power-save mode the
undervoltage detection is disabled. In these modes the TLE9250V can operate without the transmitter supply
VCC.
Figure 8
Mode changes by undervoltage events on VCC
Figure 9
Undervoltage on the transmitter supply VCC
NEN
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
NEN
VCC
VIO
0
“on”
“on”
Forced-
receive-only
mode
NEN
VCC
VIO
0
“off”
“on”
Power-save
mode
NEN
VCC
VIO
1
“X”
“on”
VIO “on”
VCC “off”
NEN “0”
VIO “on”
VCC “on”
NEN “0”
Forced-receive-only mode
any mode of operation
VCC
hysteresis
VIO(UV,H)
t
Power-save mode
t
NEN
“X” = don’t care
“high” due the internal
pull-up resistor1)
1) assuming no external signal applied
VCC undervoltage monitor
VCC(UV,F)
VCC undervoltage monitor
VCC(UV,R)
tDelay(UV)
tDelay(UV)
digital supply voltage VIO = “on”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com