Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250XLE Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9250XLE
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250XLE Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9250XLE Datasheet HTML 8Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 9Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 10Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 11Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 12Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 13Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
12
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6.2
Mode change by the RM pin
When the TLE9250X is supplied with the digital voltage VIO the internal logic works and mode change by the
mode selection pin RM is possible.
By default the RM input pin is logical “low” due to the internal pull-down current source to GND. Changing the
RM input pin to logical “high” in Normal-operating mode triggers a mode change to Receive-only mode (see
Figure 7). To enter Normal-operating mode or Receive-only mode the transmitter supply VCC needs to be
available.
Figure 7
Mode selection by the RM pin
RM
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
RM
VCC
VIO
0
“on”
“on”
Forced-
Receive-only
mode
RM
VCC
VIO
“X”
“off”
“on”
Receive-only
mode
RM
VCC
VIO
1
“on”
“on”
RM “1”
RM “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com