Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9251VLE Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9251VLE
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Data Sheet
12
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6.2
Mode change by the STB pin
When the TLE9251V is supplied with the digital voltage VIO the internal logic works and mode change by the
mode selection pin STB is possible.
By default the STB input pin is logical “high” due to the internal pull-up current source to VIO. Changing the STB
input pin to logical “low” in Stand-by mode triggers a mode change to Normal-operating mode (see Figure 7).
To enter Normal-operating mode the transmitter supply VCC needs to be available.
Stand-by mode can be entered from Normal-operating mode and Forced-receive-only mode by setting the
STB pin to logical “high”. While changing the mode of operation from Normal-operating mode or Forced-
receive-only mode to Stand-by mode, the transceiver TLE9251V turns off the transmitter and switches from
the normal-mode receiver to the low-power receiver. Entering Forced-receive-only mode from Stand-by
mode is not possible by the STB pin. The device remains in Stand-by mode independently of the VCC supply
voltage.
Figure 7
Mode selection by the STB pin
STB
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
STB
VCC
VIO
0
“on”
“on”
Forced-
receive-only
mode
STB
VCC
VIO
0
“off”
“on”
Stand-by
mode
STB
VCC
VIO
1
“X”
“on”
VIO “on”
STB “1”
VIO “on”
STB “1”
VIO “on”
VCC “on”
STB “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com