Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX1250 Datasheet(PDF) 7 Page - Sony Corporation

Part # CDX1250
Description  Vertical Clock Driver for CCD Image sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CDX1250 Datasheet(HTML) 7 Page - Sony Corporation

  CDX1250 Datasheet HTML 1Page - Sony Corporation CDX1250 Datasheet HTML 2Page - Sony Corporation CDX1250 Datasheet HTML 3Page - Sony Corporation CDX1250 Datasheet HTML 4Page - Sony Corporation CDX1250 Datasheet HTML 5Page - Sony Corporation CDX1250 Datasheet HTML 6Page - Sony Corporation CDX1250 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
– 7 –
CXD1250M/N
Package Outline
Unit: mm
CXD1250M
CXD1250N
20PIN SSOP (PLASTIC)
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER / PALLADIUM
COPPER / 42 ALLOY
0.1g
SSOP-20P-L01
SSOP020-P-0044
0.1 ± 0.1
0° to 10°
DETAIL A
PLATING
∗6.5 ± 0.1
0.22 – 0.05
+ 0.1
0.65 ± 0.12
20
11
10
1
A
0.1
+ 0.05
1.25 – 0.1
+ 0.2
0.15 – 0.02
NOTE: Dimension “
∗” does not include mold protrusion.
SONY CODE
EIAJ CODE
JEDEC CODE
SOP-20P-L01
∗SOP020-P-0300-A
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
COPPER ALLOY
SOLDER PLATING
EPOXY / PHENOL RESIN
0.3g
20PIN SOP (PLASTIC) 300mil
12.45 – 0.1
+ 0.4
20
11
0.45 ± 0.1
1.27
10
1
0.2 – 0.05
+ 0.1
0.1 – 0.05
+ 0.2
1.85 – 0.15
+ 0.4
0.15
± 0.12 M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com