Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7155CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL7155CSZ
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7155CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL7155CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7155CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EL7155
FN7279 Rev 3.00
Page 5 of 10
October 24, 2014
Typical Performance Curves
FIGURE 2. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
FIGURE 3. INPUT THRESHOLD vs SUPPLY VOLTAGE, T = 25°C
FIGURE 4. QUIESCENT SUPPLY CURRENT vs SUPPLY VOLTAGE,
T = +25°C
FIGURE 5. ON-RESISTANCE vs SUPPLY VOLTAGE, IOUT = 200mA,
T = +25°C, VS+ = VH, VL = 0V
FIGURE 6. RISE/FALL TIME vs SUPPLY VOLTAGE
CL = 2000pF, T = +25°C
FIGURE 7. RISE/FALL TIME vs TEMPERATURE
CL = 2000PF, VS+ = 15V
AMBIENT TEMPERATURE (°C)
25
100
75
050
0.2
1.0
0.6
0.4
0.8
125
150
0
SO8
Max TJ = +125°C
JA = 160°C/W
85
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
15
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
15
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = GND
ALL INPUTS = VS+
SUPPLY VOLTAGE (V)
7.5
15.0
12.5
5.0
10.0
1
0
6
5
2
4
3
VOUT - VL
VOUT - VH
15
20
SUPPLY VOLTAGE (V)
10
30
510
25
15
tR
tF
tR
tF
150
14
TEMPERATURE (°C)
10
100
20
-50
50
16
18
12
0
tF
tR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com