Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2625BGL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2625BGL
Description  2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2625BGL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2625BGL Datasheet HTML 16Page - Monolithic Power Systems MP2625BGL Datasheet HTML 17Page - Monolithic Power Systems MP2625BGL Datasheet HTML 18Page - Monolithic Power Systems MP2625BGL Datasheet HTML 19Page - Monolithic Power Systems MP2625BGL Datasheet HTML 20Page - Monolithic Power Systems MP2625BGL Datasheet HTML 21Page - Monolithic Power Systems MP2625BGL Datasheet HTML 22Page - Monolithic Power Systems MP2625BGL Datasheet HTML 23Page - Monolithic Power Systems MP2625BGL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
MP2625B – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2625B Rev. 1.01
www.MonolithicPower.com
20
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Input re-startup
Refresh EN
_____
/ISET signal
Auto-Recharge
NTC Thermistor
The NTC pin allows MP2625B to sense the
battery temperature using the Negative Thermal
Coefficient (NTC) thermistor usually available in
the battery pack to ensure safe operating
environment of the battery. A resistor with
appropriate value should be connected from VCC
to NTC and the NTC resistor is from NTC pin to
AGND. The voltage on NTC pin is determined by
the resistor divider whose divide ratio as the
different resistance of the NTC thermistor
depends on the ambient temperature of the
battery.
The MP2625B has an internal NTC voltage
comparator to set the upper and lower limit of the
divide ratio. If NTC pin voltage falls out of this
range it means the temperature is outside the
safe operating range,
As a result, The MP2625B will stop charging and
report it on indication pins. Charging will
automatically resume after the temperature falls
back into the safe range.
Thermal Protection
The MP2625B implements thermal protection to
prevent the thermal damage to the IC or
surrounding components. An internal thermal
sense and feedback loop will automatically
decrease the charge current when the die-
temperature rises to about 120oC. This function is
referred as charge current thermal fold-back.
This
feature
protects
the
MP2625B
from
excessive temperature due to high power
operation or high ambient thermal conditions.
Another benefit of this feature is charge current
can be set according to the requirement rather
than worst-case conditions for a given application
with the assurance of safe operation. The
MP2625B will stop charging if the junction
temperature rises above 150oC as the IC enters
thermal shutdown protection.
Battery Discharge Protection
When the input power is removed or invalid, the
system load will draw power from the battery via
the battery switch. Under this condition, the
battery switch is fully on to minimize the power
loss. The MP2625B integrates battery discharge
protection. If the battery discharge current is
larger than the discharge current limit threshold
IDIS (5A), the current will be regulated at the
preset limited value. And if the current increases
further, the SYS voltage starts to decrease.
When VSYS drops to about 800mV lower than
VBATT, SYS short condition is detected. Under this
condition, the discharge current is limited at
230mA. In the event of a short from system to
GND the discharge current from the battery to
the system is also limited to 230mA.
Furthermore, battery voltage UVLO is always
monitored. If the battery voltage is lower than the
battery UVLO threshold, the battery switch is
turned off immediately. This feature makes sure
the battery from over-discharged.
Dynamic Power Path Management (DPPM)
In the presence of a valid input source, the PWM
converter will supply the current to both the
system and the battery charger.
The voltage VSYS is regulated based on the value
of the battery voltage. When VBATT is higher than
3.4V, VSYS is regulated 200mv above VBATT to
charge the battery. When VBATT is lower than
3.4V, to ensure the system can still be powered
up even with a drained battery connected, VSYS is
regulated at constant 3.6V.
When the input source is overloaded, either the
current exceeds the input current limit or the
voltage falls below the input voltage limit, the
MP2625B then reduces the charge current until
the input current falls below the input current limit
and the input voltage rises above the input
voltage limit. If the system current increases
beyond the power allowed by the input source,
additional power will be drawn from the battery
via an on-chip 40mΩ MOSFET working as an
ideal diode.
Additionally, if the input source is removed, the
MP2625B will turn on the 40mΩ MOSFET
allowing the battery to power the system load to
keep the operation of the portable device.
Operation Flow Chart
Figure 5 shows the operation flow chart of the
MP2625B.
Figure 6 shows the operation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com