Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2631 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP2631–28V, 1A LINEAR LI-ION BATTERY CHARGER WITH 10MA HIGH VOLTAGE LDO
MP2631 Rev.0.9
www.MonolithicPower.com
2
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
IN
SS/NC
ACOK
CHG
GND
1
2
3
4
5
LDO
BATT
ISET
NC
SHDN
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
Part Number*
Package
Temperature
MP2631DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2631DQ–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP2631DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ...................................... –0.3V to 28V
All Other Pins to GND................. –0.3V to +6.5V
Junction Temperature...............................140
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Nominal Supply Voltage VIN............ 3.5V to 5.5V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 5.2V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Quiescent Current
ISUPPLY
SHDN= Low, VBATT=4.25V,
ILDO = 0A, VIN ≥ 5.2V
950
µA
Battery Voltage Regulation
VBATT
T = –5°C to +75°C, IBATT = 0
4.16
4.20
4.24
V
LDO OUT
VOUT
Iout = 0 - 10mA, Vin = 5.0 – 6.5 V
4.85
5.0
5.15
V
Min LDO Output Voltage
VOUT_MIN
I=2mA, Vin=5.0V
4.85
V
LDO Load Regulation
Load < 10mA
0.005
V/mA
LDO Short Current Limit
80
mA
OVP Threshold
Input rising
6.7
7.0
7.3
V
Constant Current
Regulation
ICHG
VBATT = 3.8V
RCHG = 3.3k
475
530
585
mA
Constant Current Variation
VBATT = 3.8V,
TJ = 0°C to +120°C,
87
100
113
%ICHG
(4)
Trickle Current
VBATT = 2.3V
5
10
15
%ICHG
(4)
Trickle Threshold Voltage
VBATT rising
2.45
2.6
2.75
V
Trickle Voltage Hysteresis
100
mV
IBF Threshold
IBF
In CV mode
5
10
15
%ICHG
OVP Threshold
OVP
Vin rising
6.7
7
7.3
V
OVP Hysteresis
400
mV
UVLO
Vin rising
1.6
2.1
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com