Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2632 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 13Page - Monolithic Power Systems MP2632 Datasheet HTML 14Page - Monolithic Power Systems MP2632 Datasheet HTML 15Page - Monolithic Power Systems MP2632 Datasheet HTML 16Page - Monolithic Power Systems MP2632 Datasheet HTML 17Page - Monolithic Power Systems MP2632 Datasheet HTML 18Page - Monolithic Power Systems MP2632 Datasheet HTML 19Page - Monolithic Power Systems MP2632 Datasheet HTML 20Page - Monolithic Power Systems MP2632 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
17
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
BLOCK DIAGRAM
UV
OV
VBATT+
300mV
VSYS
VIN
SYS
A1
Control Logic
&
Mode Selection
TMR
SW
GMI
GMV
VBATT_FULL
ICC
PWM
Controller
GMINI
IIN_LMT
VBATT
GMT
TRef
TJ
NTC
VNTC
Q3
Q4
ISET
ILIM
OLIM
BATT
Charge
Pump
VB
CSP
Current Sense
K1*ICHG
Thermal
Protection
Q1
Q2
PGND
LSMOS
Driver
LSMOS
Driver
VCC
VCC
DP/DM
Detection
Input Current
Limit Setting
IIN_LMT
DM1
DP1
VC
C
VBATT
Buffer
VSYS
VIN
VIN
Charge
Parameter
Setting
H/L/Floating
VCC
PB
Boost Output
Current Limit
Setting
VTNC
Battery Temp
Protection
Junction
Temp Sense
VBATT_FULL
ICC
Sleep Mode
VNTC
Boost Enable
Torch Control
K1*ICHG
VBATT_FB
IIN_FB
IIN_FB
GMINV
VIN_FB
VIN_LMT
AGND
VCC
FG
Indication
VBATT_FB
TIMER
Function
Timer Fault
LED1
LED2
LED3
LED4
Output
Signaling
DM2
DP2
Figure 1: Functional Block Diagram in Charge Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com