Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2660 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2660
Description  5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2660 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2660 Datasheet HTML 17Page - Monolithic Power Systems MP2660 Datasheet HTML 18Page - Monolithic Power Systems MP2660 Datasheet HTML 19Page - Monolithic Power Systems MP2660 Datasheet HTML 20Page - Monolithic Power Systems MP2660 Datasheet HTML 21Page - Monolithic Power Systems MP2660 Datasheet HTML 22Page - Monolithic Power Systems MP2660 Datasheet HTML 23Page - Monolithic Power Systems MP2660 Datasheet HTML 24Page - Monolithic Power Systems MP2660 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
MP2660
– 0.5A, 1-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2660 Rev. 1.01
www.MonolithicPower.com
21
1/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I
2C REGISTER MAP
IC Address: 09h
Input Source Control Register/Address: 00h (Default: 0100 1111)
Bit
Symbol
Description
Read/Write
Default
Bit 7
EN_HIZ
(6)
0: disable
1: enable
read/write
Default: disable (0)
Input Voltage Regulation
Bit 6
VIN_REG [3]
640mV
read/write
Offset: 3.88V
Range: 3.88V -
5.08V
Default: 4.60V
(1001)
Bit 5
VIN_REG [2]
320mV
Bit 4
VIN_REG [1]
160mV
Bit 3
VIN_REG [0]
80mV
Input Current Limit
Bit 2
IIN_LIM [2]
000: 85mA
001: 130mA
010: 175mA
011: 220mA
100: 265mA
101: 310mA
110: 355mA
111: 455mA
read/write
Default: 455mA
(111)
Bit 1
IIN_LIM [1]
Bit 0
IIN_LIM [0]
NOTE:
6) This bit only controls the on and off of the LDO MOSFET.
Power-On Configuration Register / Address: 01h (Default: 0000 0100)
Bit
Symbol
Description
Read/Write
Default
Bit 7
Register reset
0: keep current setting
1: reset
read/write
Keep current
register setting (0)
Bit 6
I
2C watchdog timer
reset
0: normal
1: reset
read/write
Normal (0)
Bit 5
Reserved
read/write
Reserved
Bit 4
Reserved
read/write
Reserved
Charger Configuration
Bit 3
CEB
0: charge enable
1: charge disabled
read/write
Reserved
Battery UVLO Threshold
Bit 2
VUV_BATT [2]
0.4V
read/write
Offset: 2.4V
Range: 2.4V - 3.1V
Default: 2.8V (100)
Bit 1
VUV_BATT [1]
0.2V
Bit 0
VUV_BATT [0]
0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com