Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2661 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 17Page - Monolithic Power Systems MP2661 Datasheet HTML 18Page - Monolithic Power Systems MP2661 Datasheet HTML 19Page - Monolithic Power Systems MP2661 Datasheet HTML 20Page - Monolithic Power Systems MP2661 Datasheet HTML 21Page - Monolithic Power Systems MP2661 Datasheet HTML 22Page - Monolithic Power Systems MP2661 Datasheet HTML 23Page - Monolithic Power Systems MP2661 Datasheet HTML 24Page - Monolithic Power Systems MP2661 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
21
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
Int_gate
Int_gate
_delay
INT
Int_ext
Vin
Power
on
0V
5V
600ns
Vth
t
t
t
t
t
t
Int_dly
Figure 6: INT signal during Vin powers on
If FET_DIS is set to 1 during the shipping mode,
the IC could still wake up after INT keeping low
for 4s. But in this case, the FET_DIS bit can not
be reset to 0 automatically, it has to be reset to
0 manually through I2C.
2). Reset Mode
The IC can use INT to cut off the path from the
battery to the system when system reset is
needed.
Once the logic at INT is set to low for more than
16s, the battery is disconnected from the
system by turning off the battery MOSFET.
The off state lasts for 4s, then the battery
MOSFET is turned on automatically, and the
system is powered by the battery again. During
the 4s off period, INT pin voltage level could be
high or low. The IC can reset the system by
controlling INT (see Figure 7).
Figure 7: System Reset Function Operation
Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com