Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2678 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2678
Description  Li-Ion Battery Charger Protection Circuit With LDO Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2678 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2678 Datasheet HTML 1Page - Monolithic Power Systems MP2678 Datasheet HTML 2Page - Monolithic Power Systems MP2678 Datasheet HTML 3Page - Monolithic Power Systems MP2678 Datasheet HTML 4Page - Monolithic Power Systems MP2678 Datasheet HTML 5Page - Monolithic Power Systems MP2678 Datasheet HTML 6Page - Monolithic Power Systems MP2678 Datasheet HTML 7Page - Monolithic Power Systems MP2678 Datasheet HTML 8Page - Monolithic Power Systems MP2678 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2678 – LI+ BATTERY CHARGER PROTECTION CIRCUIT WITH LDO MODE
MP2678 Rev. 1.0
www.MonolithicPower.com
2
1/6/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
VOVP
Package
Top Marking
Free Air Temperature (TA)
MP2678EG-104
10.4V
QFN8 (2mm×2mm)
AK
-20
°C to +85°C
*For different input OVP version, add suffix –XXX (e.g. MP2678EG-73 is 7.3V OVP)
Contact factory for availability.
For Tape & Reel, add suffix –Z (eg. MP2678EG–104–Z);
For RoHS, compliant packaging, add suffix –LF (eg. MP2678EG–104–LF–Z).
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND.....................................-0.3V to 30V
OUT to GND .....................................-0.3V to 7V
Others to GND ..................................-0.3V to 7V
Continuous Power Dissipation...(TA = +25°C)
(2)
....................................................…....1.25W
Junction Temperature.................-20ºC to 150ºC
Storage Temperature..................-65ºC to 150ºC
ESD Susceptibility(3)
HBM (Human Body Mode) ..........................2kV
MM (Machine Mode) ................................ 200V
Recommended Operating Conditions
(4)
Supply Input Voltage ..................... 3.3V to VOVP
Output Current ............................................ 1.5A
Maximum Junction Temp. (TJ) ............... +125°C
Thermal Resistance
(5)
θJA
θJC
QFN8 2mm×2mm ................... 80 ...... 60...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices
are
ESD
sensitive.
Handling
precaution
recommended.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.
TOP VIEW
VIN
GND
NC
FLT
1
2
3
4
OUT
NC
VB
CE
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com