Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2681BGS Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2681BGS
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681BGS Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2681BGS Datasheet HTML 15Page - Monolithic Power Systems MP2681BGS Datasheet HTML 16Page - Monolithic Power Systems MP2681BGS Datasheet HTML 17Page - Monolithic Power Systems MP2681BGS Datasheet HTML 18Page - Monolithic Power Systems MP2681BGS Datasheet HTML 19Page - Monolithic Power Systems MP2681BGS Datasheet HTML 20Page - Monolithic Power Systems MP2681BGS Datasheet HTML 21Page - Monolithic Power Systems MP2681BGS Datasheet HTML 22Page - Monolithic Power Systems MP2681BGS Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP2681B – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681B Rev.1.0
www.MonolithicPower.com
20
12/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the VDD Voltage
VDD voltage is regulated based on the battery
specifications, according to the ID resistor.
Refer to Table 1 for the relationship between the
ID voltage and the VDD voltage.
Setting the Charge Current
The current limitation (ICHG) is performed by
sensing the voltage across the sense resistor RS
and comparing it to the charge-current reference
(VIREF), refer to formula (1):
CHG
IREF
I
V
RS
=
(1)
The charge-current reference is controlled by CR
to set the charge rate. If CR is logic high, VIREF is
fixed at 0.16V internally. Pull CR low to set the
charger in slow-charge (VIREF is set to 0.016V).
Timer Setting
TMR is used to set the internal oscillator
frequency. Refer to timer-setting formulas below:
Pre-charge timer
TPre-1P(s)= 34560×C(uF)
(2)
Total-charge timer:
Fast charge:
TTotal-1P-fast(s)= 69120×C(uF)
(3)
Slow charge:
TTotal-1P-slow(s)= 276480×C(uF)
(4)
Choosing the Resistor for NTC Sensor
Figure 9 shows an internal resistor-divider
reference circuit to limit the four temperature
thresholds at 90%·LDO, 77%·LDO, 32%·LDO,
and 25%·LDO, respectively (to specify operation
under cold, cool, warm, and hot conditions). For
a given NTC thermistor, select appropriate RT1
and RT2 to set the NTC window:
%
90
=
LDO
V
=
//R
R
+
R
//R
R
T1
NTC_Cold
T2
T1
NTC_Cold
T2
(5)
77%
=
LDO
V
=
//R
R
+
R
//R
R
T2
NTC_Cool
T2
T1
NTC_Cool
T2
(6)
32%
LDO
V
//R
R
R
//R
R
T3
NTC_Warm
T2
T1
NTC_Warm
T2
=
=
+
(7)
25%
=
LDO
V
=
//R
R
+
R
//R
R
T4
NTC_Hot
T2
T1
NTC_Hot
T2
(8)
RNTC_Hot is the value of the NTC resistor at the
highest temperature of the required temperature-
operation range. RNTC_Cold is the value of the NTC
resistor at the lowest temperature.
The two resistors (RT1 and RT2), allow the high-
temperature limit and low-temperature limit to be
programmed independently.
It should satisfy the 4 equations above. Refer to
Figure 9 for NTC function block.
NTC
LDO
RNTC
RT1
RT2
VT1
VT2
VT3
VT4
Figure 9. NTC Function Block
PCB Layout Guidelines
Efficient PCB layout is critical to meet specified
noise, efficiency, and stability requirements.
Refer to Figure 10 and the following design
considerations to improve circuit performance:
1) Route the power stage adjacent to their
grounds. Trace lengths in the high-current paths
and the current-sense resistor trace.
2) Keep the power ground away from all small
control signals, especially the feedback network.
3) Place the input capacitor as close as possible
to VDD and PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com