Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA15512 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15512
Description  ~40째 medium beam. Compatible with ultra high power LEDs.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15512 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15512 Datasheet HTML 1Page - Ledil, Inc. FCA15512 Datasheet HTML 2Page - Ledil, Inc. FCA15512 Datasheet HTML 3Page - Ledil, Inc. FCA15512 Datasheet HTML 4Page - Ledil, Inc. FCA15512 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FCA15512_FLORENTINA-1-MRK-M
FLORENTINA-1-MRK-M
~40° medium beam. Compatible with ultra high
power LEDs.
TECHNICAL SPECIFICATIONS:
Dimensions
39.7x39.7 mm
Height
13 mm
Fastening
pin
Colour
black
Box size
480 x 280 x 300 mm
Box weight
7.7 kg
Quantity in Box
840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-MRK-M
Lens
PC
clear
FLORENTINA-1-HLD
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 25/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA15512

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA15512 LEDIL-FCA15512 Datasheet
607Kb / 12P
Florentina Assembly
More results

Similar Description - FCA15512

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
FCA15513 LEDIL-FCA15513_18 Datasheet
5Mb / 4P
~50째 wide beam. Compatible with ultra high power LEDs.
FCP15704 LEDIL-FCP15704 Datasheet
12Mb / 8P
~25째 spot beam . Compatible with ultra high power LEDs.
FCP15705 LEDIL-FCP15705 Datasheet
10Mb / 9P
~40째 medium beam. Compatible with ultra high power LEDs.
FCP15706 LEDIL-FCP15706 Datasheet
10Mb / 9P
~50째 wide beam. Compatible with ultra high power LEDs.
FCP15709 LEDIL-FCP15709 Datasheet
4Mb / 4P
~40째 medium beam. Compatible with ultra high power LEDs.
FCP15710 LEDIL-FCP15710 Datasheet
5Mb / 4P
~50째 wide beam. Compatible with ultra high power LEDs.
CP14612 LEDIL-CP14612 Datasheet
7Mb / 5P
~40째 medium beam
FCP15707 LEDIL-FCP15707 Datasheet
3Mb / 5P
~60째 batwing beam compatible with ultra high power LEDs
FCP15711 LEDIL-FCP15711 Datasheet
3Mb / 4P
~60째 batwing beam compatible with ultra high power LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com