Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2120 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2120 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP2120 Datasheet HTML 1Page - Renesas Technology Corp HIP2120 Datasheet HTML 2Page - Renesas Technology Corp HIP2120 Datasheet HTML 3Page - Renesas Technology Corp HIP2120 Datasheet HTML 4Page - Renesas Technology Corp HIP2120 Datasheet HTML 5Page - Renesas Technology Corp HIP2120 Datasheet HTML 6Page - Renesas Technology Corp HIP2120 Datasheet HTML 7Page - Renesas Technology Corp HIP2120 Datasheet HTML 8Page - Renesas Technology Corp HIP2120 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7668 Rev 0.00
Page 1 of 16
December 23, 2011
FN7668
Rev 0.00
December 23, 2011
HIP2120, HIP2121
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time
Control and PWM Input
DATASHEET
The HIP2120 and HIP2121 are 100V, high frequency, half-bridge
MOSFET driver ICs. They are based on the popular ISL2100A and
ISL2101A half-bridge drivers.
These drivers have a programmable dead-time to insure
break-before-make operation between the high-side and low-side
drivers. The dead-time is adjustable up to 250ns.
A single PWM logic input controls both bridge outputs (HO, LO). An
enable pin (EN), when low, drives both outputs to a low state. All
logic inputs are VDD tolerant and the HIP2120 has CMOS inputs
with hysteresis for superior operation in noisy environments.
The HIP2120 has hysteretic inputs with thresholds that are
proportional to VDD. The HIP2121 has 3.3V logic/TTL compatible
inputs.
Two package options are provided. The 10 Ld 4x4 DFN package
has standard pinouts. The 9 Ld 4x4 DFN package omits pin 2 to
comply with 100V conductor spacing per IPC-2221.
Features
• 9 Ld TDFN “B” Package Compliant with 100V Conductor
Spacing Guidelines per IPC-2221
• Break-Before-Make Dead-Time Prevents Shoot-through and
is adjustable up to 220ns
• Bootstrap Supply Max Voltage to 114VDC
• Wide Supply Voltage Range (8V to 14V)
• Supply Undervoltage Protection
• CMOS Compatible Input Thresholds with Hysteresis
(HIP2120)
•1.6
/1 Typical Output Pull-up/Pull-down Resistance
•On-Chip 1
 Bootstrap Diode
Applications
• Telecom Half-Bridge DC/DC Converters
•UPS and Inverters
•Motor Drives
• Class-D Amplifiers
• Forward Converter with Active Clamp
Related Literature
• FN7670 “HIP2122, HIP2123 100V, 2A Peak, High
Frequency Half-Bridge Driver with Delay Timers”
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. DEAD-TIME vs TIMING RESISTOR
VDD
HB
HO
HS
LO
VSS
PWM
EN
100V max
RDT
FEEDBACK
WITH
ISOLATION
PWM
CONTROLLER
SECONDARY
CIRCUITS
HIP2120/21
EPAD
HALF BRIDGE
RDT (k)
816
24
32
48 56
40
64
80
200
160
140
120
100
80
60
40
20
NOT RECOMMENDED FOR NEW DES
IGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center
at
1-888-INTERSIL or www.intersil.com/ts
c


Similar Part No. - HIP2120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
HIP2120FRTAZ INTERSIL-HIP2120FRTAZ Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
HIP2120FRTBZ INTERSIL-HIP2120FRTBZ Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
More results

Similar Description - HIP2120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL78420ARTBZ-T INTERSIL-ISL78420ARTBZ-T Datasheet
374Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
January 24, 2014
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL78420AVEZ INTERSIL-ISL78420AVEZ Datasheet
608Kb / 18P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
November 6, 2014
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com