Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCP14968 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCP14968
Description  ~45째 15째 oval beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCP14968 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCP14968 Datasheet HTML 1Page - Ledil, Inc. FCP14968 Datasheet HTML 2Page - Ledil, Inc. FCP14968 Datasheet HTML 3Page - Ledil, Inc. FCP14968 Datasheet HTML 4Page - Ledil, Inc. FCP14968 Datasheet HTML 5Page - Ledil, Inc. FCP14968 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FCP14968_FLORENTINA-2X2-O
FLORENTINA-2X2-O
~45° 15° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
95.57x95.57 mm
Height
29.7 mm
Fastening
pin
Colour
black
Box size
476 x 273 x 292 mm
Box weight
4.3 kg
Quantity in Box
88 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-CMC-O
Lens
PC
clear
FLORENTINA-2X2-HLD
Holder
PC
black
Last update: 14/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCP14968

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP14964 LEDIL-FCP14964 Datasheet
6Mb / 6P
~16째 smooth spot beam
logo
Cree, Inc
FCP14965 CREE-FCP14965 Datasheet
678Kb / 5P
Florentina series
logo
Ledil, Inc.
FCP14965 LEDIL-FCP14965 Datasheet
5Mb / 6P
~10째 spot beam
FCP14966 LEDIL-FCP14966 Datasheet
6Mb / 7P
~18째 diffused spot beam
FCP14967 LEDIL-FCP14967 Datasheet
7Mb / 6P
~30째 medium beam
More results

Similar Description - FCP14968

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP15347 LEDIL-FCP15347 Datasheet
6Mb / 6P
~45째 15째 oval beam
FCA15452 LEDIL-FCA15452_18 Datasheet
9Mb / 6P
~45째 15째 oval beam
C13460 LEDIL-C13460 Datasheet
2Mb / 4P
~45째 20째 oval beam
CA14403 LEDIL-CA14403 Datasheet
2Mb / 5P
~40째 x 15째 oval beam
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CA13637 LEDIL-CA13637 Datasheet
3Mb / 7P
~15째 x 40째 oval beam
FA10669 LEDIL-FA10669 Datasheet
1Mb / 5P
~45째 15째 oval beam optimized for CREE XP-E.
C13871 LEDIL-C13871 Datasheet
2Mb / 6P
~45째 20째 oval beam
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
~15째 50째 oval beam
CP17596 LEDIL-CP17596 Datasheet
1Mb / 4P
~35째 15째 oval beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com