Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3301 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3301
Description  Single Bit Bus Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3301 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3301 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3301 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3301 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PI5C3301
Single Bit Bus Switch
2
PS8366D
01/11/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN=0V
3
pF
COFF
A/B Capacitance, Switch Off
VIN=0V
5
pF
CON
A/B Capacitance, Switch On
VIN = 0V
10
pF
Storage Temperature ............................................................. –65°C to +150°C
Ambient Temperature with Power Applied ............................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ....... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) .... –0.5V to +7.0V
DC Input Voltage ...................................................................... –0.5V to +7.0V
DC Output Current ............................................................................... 120mA
Power Dissipation .................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determine
by the lower of the voltages on the two (A, B) pins.
4. This parameter is determined by device characterization but is not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V± 10%)
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
-8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I
V C
C
V
,
.
x
a
M
=
N
I
V
=
CC
1
±
Α
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,
.
x
a
M
=
N
I
D
N
G
=1
±
I
H
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
e
d
e
p
m
I
h
g
i
HV C
C
V
,
.
x
a
M
=
T
U
O
V
r
o
V
0
=
C
C
1
±
I
L
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
e
d
e
p
m
I
w
o
LV C
C
V
,
.
x
a
M
=
T
U
O
V
r
o
V
0
=
C
C
1
±
VH
s
n
i
P
l
o
r
t
n
o
C
t
a
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I
0
0
3V
m
R N
O
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
)
3
(
V C
C
V
,
V
5
.
4
=
N
I
I
,
V
0
.
0
=
N
O
A
m
4
6
r
o
A
m
0
3
=
V C
C
V
,
V
5
.
4
=
N
I
I
,
V
4
.
2
=
N
O
A
m
5
1
=
5
0
1
7
5
1
Ω
V C
C
V
,
V
4
=
N
I
I
,
V
4
.
2
=
N
O
A
m
5
1
=4
10
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com