Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4082IPZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP4082IPZ
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4082IPZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP4082IPZ Datasheet HTML 6Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 7Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 8Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 9Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 10Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 11Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 12Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 13Page - Renesas Technology Corp HIP4082IPZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HIP4082
FN3676 Rev 5.00
Page 10 of 14
September 30, 2015
HIP4082
FIGURE 10. VOL vs BIAS VOLTAGE AND TEMPERATURE
FIGURE 11. UNDERVOLTAGE TRIP VOLTAGES vs
TEMPERATURE
FIGURE 12. UPPER LOWER TURN-ON/TURN-OFF
PROPAGATION DELAY vs TEMPERATURE
FIGURE 13. UPPER/LOWER DIS(ABLE) TO TURN-ON/OFF vs
TEMPERATURE (°C)
FIGURE 14. FULL BRIDGE LEVEL-SHIFT CURRENT vs
FREQUENCY (kHz)
FIGURE 15. MAXIMUM POWER DISSIPATION vs AMBIENT
TEMPERATURE
Performance Curves (Continued)
8
9
10
11
12
13
14
1.4
VDD SUPPLY VOLTAGE (V)
15
1.2
0.8
0.6
-55°C
-40°C
0°C
25°C
125°C
150°C
1
-60
-40
-20
0
20
40
60
80
100 120
140 160
5
5.5
6
6.5
7
7.5
8
JUNCTION TEMPERATURE (°C)
LOWER U/V RESET
LOWER U/V SET
UPPER U/V SET/RESET
-60 -40
-20
0
20
40
60
80
100
120 140 160
20
30
40
50
60
70
80
90
100
JUNCTION TEMPERATURE (°C)
UPPER tON
UPPER tOFF
LOWER tON
LOWER tOFF
-60 -40
-20
0
20
40
60
80
100 120 140 160
10
100
104
JUNCTION TEMPERATURE (°C)
1000
DISHTON
DISHTOFF
DISLTON
DISLOFF
0
20
40
60
80
100
0.5
1
1.5
2
SWITCHING FREQUENCY (kHz)
-60
-30
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
AMBIENT TEMPERATURE (°C)
SOIC
16 PIN DIP
QUIESCENT BIAS COMPONENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com