Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVC162835FD Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162835FD
Description  18-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162835FD Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ALVC162835FD Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162835FD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162835FD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162835FD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162835FD Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8474
04/25/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• PI74ALVC162835FD is designed for low voltage operation,
VCC=2.3Vto3.6V
• Data inputs have clamp diodes to VCC
• Outputs have equivalent 26Ω series resistors
• Supports PC133 Registered DIMM
• Typical VOLP (Output Ground Bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
< 2.0V at VCC = 3.3V, TA = 25°C
• Industrial operation at –40°C to +85°C
• Packages available:
– 56-pin 240 mil wide plastic TSSOP (A)
–56-pin173milwideplasticTVSOP(K6)
–56-pin300milwideplasticSSOP(V)
PI74ALVC162835FD
18-Bit Universal Bus Driver
with 3-State Outputs
Logic Block Diagram
Product Description
Pericom Semiconductor’s PI74ALVC series of logic circuits
are produced using the Company’s advanced 0.5 micron CMOS
technology, achieving industry leading speed.
The 18-bit PI74ALVC162835FD universal bus driver is designed
for 2.3V to 3.6V VCC operation.
Data flow from A to Y is controlled by Output Enable (OE).
The device operates in the transparent mode when LE is HIGH. The
A data is latched if CLK is held at a high or low logic level. If LE
is LOW, the A-bus is stored in the latch/flip-flop on the low-to-high
transition of CLK. When OE is HIGH, the outputs are in the high-
impedance state.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
TO 17 OTHER CHANNELS
CLK
LE
A1
54
28
30
OE
27
1D
C1
CLK
Y1
3


Similar Part No. - PI74ALVC162835FD

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVC162834FD PERICOM-PI74ALVC162834FD Datasheet
294Kb / 5P
18-Bit Universal Bus Driver with 3-State Outputs
More results

Similar Description - PI74ALVC162835FD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com