Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15978 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # FN15978
Description  Asymmetric beam for wall washing with holder B compatible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15978 Datasheet(HTML) 3 Page - Ledil, Inc.

  FN15978 Datasheet HTML 1Page - Ledil, Inc. FN15978 Datasheet HTML 2Page - Ledil, Inc. FN15978 Datasheet HTML 3Page - Ledil, Inc. FN15978 Datasheet HTML 4Page - Ledil, Inc. FN15978 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT
DATASHEET
FN15978_RONDA-WAS2-B
PHOTOMETRIC DATA (SIMULATED):
LED
V10 Gen7
FWHM
Asymmetric
Efficiency
0 %
Peak intensity
0.800 cd/lm
Required components:
IDEAL: 50-2002CT
LED
VERO13
FWHM
Asymmetric
Efficiency
0 %
Peak intensity
0.000 cd/lm
Required components:
C13658_CLAMP-VERO13-18
LED
CLL02x/CLU02x (LES10)
FWHM
Asymmetric
Efficiency
0 %
Peak intensity
0.750 cd/lm
Required components:
IDEAL: 50-2002CT
LED
LUXEON CoB 1204/1205
FWHM
Asymmetric
Efficiency
92 %
Peak intensity
0.650 cd/lm
Required components:
BJB: 47.319.2011
Last update: 24/05/2018
Subject to change without prior notice
3/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com