Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15997 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15997
Description  ~50째 30째 oval beam with holder B compatible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15997 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15997 Datasheet HTML 1Page - Ledil, Inc. FN15997 Datasheet HTML 2Page - Ledil, Inc. FN15997 Datasheet HTML 3Page - Ledil, Inc. FN15997 Datasheet HTML 4Page - Ledil, Inc. FN15997 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FN15997_RONDA-O-B
RONDA-O-B
~50°
30° oval beam with holder B compatible
with 3rd party connectors from BJB, IDEAL and
Stucchi.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
14.5 mm
Fastening
socket
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-O
Lens
PMMA
clear
RONDA-HLD-B
Holder
PC
white
Last update: 24/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15997

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15993 LEDIL-FN15993 Datasheet
11Mb / 7P
~50째 30째 oval beam with holder A compatible
FN15998 LEDIL-FN15998 Datasheet
1Mb / 27P
Ronda Assembly
More results

Similar Description - FN15997

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15734 LEDIL-FN15734_18 Datasheet
7Mb / 6P
~25째 spot beam with holder B compatible
FN15735 LEDIL-FN15735_18 Datasheet
7Mb / 7P
~45째 wide beam with holder B compatible
FN15736 LEDIL-FN15736_18 Datasheet
8Mb / 8P
~60째 wide beam with holder B compatible
FN15738 LEDIL-FN15738_18 Datasheet
7Mb / 5P
~60째 60째 rectangular beam with holder B compatible
FN15993 LEDIL-FN15993 Datasheet
11Mb / 7P
~50째 30째 oval beam with holder A compatible
CA12949 LEDIL-CA12949 Datasheet
4Mb / 9P
~50째 x 11째 oval beam
C17079 LEDIL-C17079 Datasheet
3Mb / 5P
~30째 90째 oval beam
F16603 LEDIL-F16603 Datasheet
4Mb / 4P
~30째 60째 oval beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
~15째 50째 oval beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com