Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601BCBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6601BCBZ
Description  Synchronous Rectified BuckMOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601BCBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6601BCBZ Datasheet HTML 1Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 2Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 3Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 4Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6601BCBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HIP6601B, HIP6603B, HIP6604B
FN9072 Rev 9.00
Page 2 of 14
December 10, 2015
Pinouts
HIP6601BCB, HIP6603BCB,
HIP6601BECB, HIP6603BECB,
(8 LD SOIC, EPSOIC)
TOP VIEW
HIP6604B
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
HIP6601BCBZ*
6601
BCBZ
0 to +85 8 Ld SOIC
M8.15
HIP6601BCBZA*
6601
BCBZ
0 to +85 8 Ld SOIC
M8.15
HIP6601BECBZ*
(No longer
available or
supported)
6601
BECBZ
0 to +85 8 Ld
EPSOIC
M8.15B
HIP6601BECBZA*
(No longer
available or
supported)
6601
BECBZ
0 to +85 8 Ld
EPSOIC
M8.15B
HIP6603BCBZ*
6603
BCBZ
0 to +85 8 Ld SOIC
M8.15
HIP6603BECBZ*
(No longer
available or
supported)
6603
BECBZ
0 to +85 8 Ld
EPSOIC
M8.15B
HIP6604BCRZ*
(No longer
available or
supported)
66
04BCRZ
0 to +85 16 Ld QFN
L16.4x4
*Add “-T” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet
or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device
information page for HIP6601B, HIP6603B, HIP6604B. For
more information on MSL, please see Technical Brief TB363.
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
1
3
4
15
NC
BOOT
PWM
GND
16
14
13
2
12
10
9
11
6
57
8
NC
PVCC
LVCC
VCC
NO
LO
NG
ER
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com