Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6602BCB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6602BCB
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602BCB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6602BCB Datasheet HTML 1Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 2Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 3Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 4Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 5Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 6Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 7Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 8Page - Renesas Technology Corp HIP6602BCB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HIP6602B
FN9076 Rev 6.00
Page 2 of 12
December 3, 2015
Pinouts
Block Diagram
HIP6602B (SOIC)
TOP VIEW
HIP6602 (16 LD QFN)
TOP VIEW
PWM1
PWM2
GND
LGATE1
1
2
3
4
14
13
12
PHASE1
UGATE1
BOOT1
PVCC
1
2
10
9
8
7
6
5
BOOT2
UGATE2
PHASE2
VCC
PGND
LGATE2
11
1
3
4
15
GND
LG1
PVCC
PGND
16
14
13
2
12
10
9
11
6
57
8
UG1
BOOT1
BOOT2
UG2
VCC
PWM1
+5V
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT1
UGATE1
PHASE1
LGATE1
PGND
PWM2
10K
10K
SHOOT-
THROUGH
PROTECTION
BOOT2
UGATE2
PHASE2
LGATE2
+5V
GND
PVCC
PVCC
PVCC
PVCC
PGND
PGND
HIP6602B
PAD
package MUST be soldered to the PC board
For HIP6602BCR, the PAD on the bottom side of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com