Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6602BCR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP6602BCR
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602BCR Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP6602BCR Datasheet HTML 1Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 2Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 3Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 4Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 5Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 6Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 7Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 8Page - Renesas Technology Corp HIP6602BCR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HIP6602B
FN9076 Rev 6.00
Page 3 of 12
December 3, 2015
Typical Application - 2 Channel Converter Using a HIP6302 and a HIP6602B Gate Driver
MAIN
CONTROL
HIP6302
FB
+5V
COMP
PWM1
PWM2
ISEN2
VSEN
FS/DIS
ISEN1
GND
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
LGATE1
PWM1
PVCC
+5V/12V
VCC
+12V
DUAL
DRIVER
HIP6602B
PGND
VCC
+VCORE
PWM2
PGOOD
VID
+12V
GND
PHASE1
+12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com