Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB1005AC Datasheet(PDF) 1 Page - Vicor Corporation

Part # PB1005AC
Description  AC/DC Power Supply Up to 5 Outputs 1000W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PB1005AC Datasheet(HTML) 1 Page - Vicor Corporation

  PB1005AC Datasheet HTML 1Page - Vicor Corporation PB1005AC Datasheet HTML 2Page - Vicor Corporation PB1005AC Datasheet HTML 3Page - Vicor Corporation PB1005AC Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Northwest Power, Inc.
(503)-652-6161
www.npi-inc.com
Document No. 6997 Rev H
Print Date: 2014-05-19
Page 1 of 4
PB1005AC(-F)(-G)(-H)(-HE)
Data Sheet
Power Bank
PB1005AC(-F)(-G)(-H)(-HE)
AC/DC Power Supply
Up to 5 Outputs
1000W
Low-Profile 1.68"
All specifications are at nominal input, full load, 25°C, all models, unless otherwise noted.
Input
Model
-F
-G
-H
-HE
Nominal Input Voltage
115VAC
1
115/230 VAC
230VAC/300VDC
230VAC
Input Voltage Range
95-132VAC
95-132VAC or
180-264VAC
180-264VAC or
250-375VDC
180-264VAC
AC Input Frequency
47-440Hz
47-440Hz
47-440Hz
47-440Hz
Voltage Sag Immunity to SEMI F47-0200
No
No
No
Yes
Hold-Up Time (Max Load, Nominal Line, Typical)
20 ms
20 ms
20ms
30ms
Input Fuse (Internal)
20 A
15 A
20A
20A
Inrush Current (264 VAC peak line, cold start.)
30Apk,max
30Apk,max
200Apk,typical
200Apk,typical
Power Factor (typical)
0.60
Output
2
Output #
A
B
C
D
E
Maximum Output Current (Connector Limit)
80A
18A
40A
Output Voltage (Factory configurable)
1.8 to 52V
1.8 to 52V
Output Voltage Setpoint (50% load)
±1.2%
±1.2%
Load Regulation, No load to full load (max.)
±0.2%
±0.5%
Line Regulation, Low Line to High Line (max.)
±0.2%
±0.5%
Maximum Output Power
500W
150W
Remote Sense
Yes
No
Output Ripple and Noise
See individual Vicor modules specifications.
Enable/inhibit function will affect this output
Yes or No (Configurable for each output individually at the factory.)
Trim range
10% to 110% of module nominal Vo
3
N/A
Environmental
Operating Temperature Range
-20°C to 70°C
Storage Temperature Range
-40°C to 70°C
Relative Humidity
5% -95% non-condensing
Safety
Important (!): Does not apply to (-F) operating at 230VAC
Agency Approvals
cTUVus, CE
Safety Standard Compliance
EN60950
Primary-to-Secondary
Primary-Earth
Secondary-Earth
Isolation
3,000Vrms
1,500Vrms
250Vrms
1 Model -F will operate at 230VAC, but operation at 230VAC has not been evaluated for safety purposes.
2 Output voltage, current and power are limited to Vicor modules available.
3 Minimum load may be required to trim below 90%. Contact factory for details.


Similar Part No. - PB1005AC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PB1005DC VICOR-PB1005DC Datasheet
150Kb / 2P
DC/DC Power Supply Up to 5 Outputs 1000W
More results

Similar Description - PB1005AC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAPC WALL-PSAPC Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
Triple Output Up to 45 Watts AC/DC Power Supply
DTIPU45 WALL-DTIPU45 Datasheet
194Kb / 3P
Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
AC-DC POWER SUPPLY up to 25 W continuous output
logo
Vicor Corporation
PB1004PFC VICOR-PB1004PFC Datasheet
101Kb / 3P
AC/DC Power Supply 4 Outputs, 1000W
PB1005DC VICOR-PB1005DC Datasheet
150Kb / 2P
DC/DC Power Supply Up to 5 Outputs 1000W
logo
ETA-USA
FHHSX-U1 ETA-USA-FHHSX-U1 Datasheet
1Mb / 5P
1000W Power Supply
logo
Murata Power Solutions ...
PQU1000 MURATA-PS-PQU1000 Datasheet
1Mb / 15P
1000W 5" x 8" AC-DC “U” Channel Power Supply Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com