Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM1E11 Datasheet(PDF) 4 Page - Vicor Corporation

Part # FARM1E11
Description  Filter/Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1E11 Datasheet(HTML) 4 Page - Vicor Corporation

  FARM1E11 Datasheet HTML 1Page - Vicor Corporation FARM1E11 Datasheet HTML 2Page - Vicor Corporation FARM1E11 Datasheet HTML 3Page - Vicor Corporation FARM1E11 Datasheet HTML 4Page - Vicor Corporation FARM1E11 Datasheet HTML 5Page - Vicor Corporation FARM1E11 Datasheet HTML 6Page - Vicor Corporation FARM1E11 Datasheet HTML 7Page - Vicor Corporation FARM1E11 Datasheet HTML 8Page - Vicor Corporation FARM1E11 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FARM™
Rev 6.9
vicorpower.com
Page 4 of 11
06/2017
800 927.9474
FARMxxxx
Figure 1 — Start up at 120VAC input
Operating Characteristics
Figure 3 — Power down, from 120VAC
Figure 4 — Power down, from 240VAC
Figure 2 — Start up at 240VAC input
VDC output
Strap
Engaged
IAC input @2A / mV
IAC input @2 A / mV
Enable
Enable
B OK
VDC output
B OK
VDC output
Enable
B OK
VDC output
Enable
B OK
Figure 5 — Output overvoltage protection 240VAC range
VDC output
Enable
B OK
Figure 6 — Typical Conducted Emissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com