Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660AIBA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICL7660AIBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660AIBA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICL7660AIBA Datasheet HTML 3Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 4Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 5Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 9Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 10Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ICL7660, ICL7660A
FN3072 Rev.7.00
Page 7 of 11
Oct 5, 2010
The voltage regulator portion of the ICL7660 and ICL7660A is an
integral part of the anti-latchup circuitry, however its inherent
voltage drop can degrade operation at low voltages. Therefore, to
improve low voltage operation the “LV” pin should be connected to
GROUND, disabling the regulator. For supply voltages greater
than 3.5V the LV terminal must be left open to insure latchup proof
operation, and prevent device damage.
Theoretical Power Efficiency
Considerations
In theory a voltage converter can approach 100% efficiency if
certain conditions are met.
1. The driver circuitry consumes minimal power.
2. The output switches have extremely low ON resistance and
virtually no offset.
3. The impedances of the pump and reservoir capacitors are
negligible at the pump frequency.
The ICL7660 and ICL7660A approach these conditions for
negative voltage conversion if large values of C1 and C2 are
used.
ENERGY IS LOST ONLY IN THE TRANSFER OF CHARGE
BETWEEN CAPACITORS IF A CHANGE IN VOLTAGE
OCCURS. The energy lost is defined by:
E = 1/2 C1 (V12 - V22)
where V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 12) compared to the
value of RL, there will be a substantial difference in the voltages
V1 and V2. Therefore it is not only desirable to make C2 as large
as possible to eliminate output voltage ripple, but also to employ
a correspondingly large value for C1 in order to achieve
maximum efficiency of operation.
Do’s And Don’ts
1. Do not exceed maximum supply voltages.
2. Do not connect LV terminal to GROUND for supply voltages
greater than 3.5V.
3. Do not short circuit the output to V+ supply for supply
voltages above 5.5V for extended periods, however,
transient conditions including start-up are okay.
4. When using polarized capacitors, the + terminal of C1 must
be connected to pin 2 of the ICL7660 and ICL7660A and the
+ terminal of C2 must be connected to GROUND.
5. If the voltage supply driving the ICL7660 and ICL7660A has
a large source impedance (25
 - 30), then a 2.2F
capacitor from pin 8 to ground may be required to limit rate
of rise of input voltage to less than 2V/
s.
6. User should insure that the output (pin 5) does not go more
positive than GND (pin 3). Device latch up will occur under
these conditions. A 1N914 or similar diode placed in parallel
with C2 will prevent the device from latching up under these
conditions. (Anode pin 5, Cathode pin 3).
VOUT = -VIN
C2
VIN
C1
S3
S4
S1
S2
8
3
2
5
3
7
FIGURE 12. IDEALIZED NEGATIVE VOLTAGE CONVERTER
FIGURE 13A. CONFIGURATION
FIGURE 13B. THEVENIN EQUIVALENT
FIGURE 13. SIMPLE NEGATIVE CONVERTER
1
2
3
4
8
7
6
5
+
-
10
F
ICL7660
VOUT = -V+
V+
+
-
10
F
ICL7660A
V+
+
-
RO
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com