Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2C11 Datasheet(PDF) 1 Page - Vicor Corporation

Part # FARM2C11
Description  Filter/Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2C11 Datasheet(HTML) 1 Page - Vicor Corporation

  FARM2C11 Datasheet HTML 1Page - Vicor Corporation FARM2C11 Datasheet HTML 2Page - Vicor Corporation FARM2C11 Datasheet HTML 3Page - Vicor Corporation FARM2C11 Datasheet HTML 4Page - Vicor Corporation FARM2C11 Datasheet HTML 5Page - Vicor Corporation FARM2C11 Datasheet HTML 6Page - Vicor Corporation FARM2C11 Datasheet HTML 7Page - Vicor Corporation FARM2C11 Datasheet HTML 8Page - Vicor Corporation FARM2C11 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM™
Rev 6.9
vicorpower.com
Page 1 of 11
06/2017
800 927.9474
FARMxxxx
FARM™
S
NRTL
CUS
C
US
®
Actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Features & Benefits
• RoHS compliant (with F or G pin style)
• EMI filtering
• Choice of 500W or 750W modules
• 96% efficiency
• Autoranging 115/230VAC input
• Microprocessor controlled
• Inrush current limiting
• Mini sized package
• Power fail signal
• Module enable
Product Highlights
The FARM (Filter/Autoranging Rectifier Module)
is an AC front-end module which provides
EMI filtering, autoranging line rectification
and inrush current limiting. The FARM is
available in either 500/750W or 750/1000W
models in a mini sized package measuring only
2.28” x 2.2” x 0.5”.
The FARM interfaces directly with worldwide
AC mains and may be used with Vicor
300V input DC-DC converters to realize
an autoranging, high density, low profile
switching power supply. The FARM includes
a microcontroller that continuously monitors
the AC line to control bridge / doubler
operation. The user need only provide external
capacitance to satisfy system
hold-up requirements.
Vicor 2nd Generation packaging technology
offers flexible mounting options for various
manufacturing processes. The FARM may be
installed as a conventional leaded device
for onboard applications, inboard for low
profile, height restricted applications, socketed
or surface mounted with optional ModuMate
interconnect products.
Parameter
Rating
Unit
Notes
L to N voltage
264
VAC
Continuous
280
VAC
100ms
+OUT to –OUT voltage
400
VDC
B OK to –OUT voltage
16
VDC
EN to –OUT voltage
16
VDC
Mounting torque
4 – 6 (0.45 – 0.68)
in-lbs (N-m)
6 each, 4-40 screw
Operating temperature
–40 to 100
°C
H-Grade
Storage temperature
– 55 to 125
°C
H-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5sec; wave solder
750 (390)
°F (°C)
<7sec; hand solder
Output current
3.5
A
Baseplate temperature
100
°C
Absolute Maximum Rating
Thermal Resistance and Capacity
Parameter
Min
Typ
Max
Unit
Baseplate to sink
flat, greased surface
0.16
°C/Watt
with thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
Free convection
8.0
°C/Watt
1000LFM
1.9
°C/Watt
FARM
1
C
1
1
Product
Type
1 = 500/750W
2 = 750/1000W
Baseplate
1 = Slotted
2 = Threaded
3 = Thru hole
Pin Style
1 = Short Pin
2 = Long Pin
S = Short ModuMate
[1]
N = Long ModuMate
[1]
F = Short RoHS
[1]
G = Long RoHS
[1]
K = Extra Long RoHS
[2]
Product Grade Temperatures (°C)
Grade Operating
Storage
E = –10 to +100 –20 to +125
C = –20 to +100 –40 to +125
T = –40 to +100 –40 to +125
H = –40 to +100 –55 to +125
Part Numbering
[1] Pin styles S, N, F & G are compatible with the ModuMate interconnect system for socketing
and surface mounting
[2] Not intended for socket or Surfmate mounting


Similar Part No. - FARM2C11

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM2C11 VICOR-FARM2C11 Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
logo
Powerbox
FARM2C11 POWERBOX-FARM2C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
logo
Vicor Corporation
FARM2C11 VICOR-FARM2C11 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
FARM2C11 VICOR-FARM2C11 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results

Similar Description - FARM2C11

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM1C11 VICOR-FARM1C11_15 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com