Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1CS2 Datasheet(PDF) 9 Page - Vicor Corporation

Part # EN1CS2
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CS2 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button EN1CS2 Datasheet HTML 5Page - Vicor Corporation EN1CS2 Datasheet HTML 6Page - Vicor Corporation EN1CS2 Datasheet HTML 7Page - Vicor Corporation EN1CS2 Datasheet HTML 8Page - Vicor Corporation EN1CS2 Datasheet HTML 9Page - Vicor Corporation EN1CS2 Datasheet HTML 10Page - Vicor Corporation EN1CS2 Datasheet HTML 11Page - Vicor Corporation EN1CS2 Datasheet HTML 12Page - Vicor Corporation EN1CS2 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 9 of 13
06/2017
800 927.9474
EN1xxx
Operating Power (W)
0
5
10
15
20
25
30
35
40
500
250
*
2,200
µF
1,600
µF
1,300
µF
*
1,100
µF
820
µF
680
µF
Figure 13 — Power fail warning time vs. operating power and
total bus capacitance, series combination of
C1, C2 (see Figure 1a)
Operating Power (W)
0
10
20
30
40
50
60
70
80
90
100
90 Vac
115 Vac
500
250
N
EMI GND
SR
L
+
BOK
ST
EN
–
Micro-
controller
15 Vdc
27 k
+5 Vdc
Secondary
referenced
FARM3
Figure 12 — Bus OK (BOK) isolated power status indicator
+In
PC (Gate In)
PR (Gate Out)
–In
N
EMI GND
SR
L
+
B OK
ST
EN
–
150 k
15 Vdc
Vicor DC-DC
Converter
Micro-
controller
FARM3
250
Figure 11 — Enable (EN) function
Figure 14 — Ride-through time vs. operating power
Application Note (Cont.)
Hold-up Capacitors
Hold-up capacitor values should be determined according to
output bus voltage ripple, power fail hold-up time, and
ride-through time (see Figure 15). Many applications require the
power supply to maintain output regulation during a momentary
power failure of specified duration, i.e., the converters must hold-
up or ride through such an event while maintaining undisturbed
output voltage regulation. Similarly, many of these same systems
require notification of an impending power failure in order to
allow time to perform an orderly shutdown.
The energy stored on a capacitor which has been charged
to voltage V is:
Energy is given up by the capacitors as they are discharged by the
converters. The energy expended (the power-time product) is:
Rearranging Equation 2 to solve for the required capacitance:
(1)
ε = 1/2(CV2)
Where:
ε = stored energy
C = capacitance
V = voltage across the capacitor
(3)
C = 2Pt / (V
1
2
–V
2
2
)
(2)
ε = Pt = C(V
1
2
–V
2
2
) / 2
Where:
P = operating power
t = discharge interval
V
1 = capacitor voltage at the beginning of
t
V
2 = capacitor voltage at the end of
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com